Electronic Components Datasheet Search
  English  ▼

X  

324005 Datasheet(PDF) 1 Page - Adels-Contact

Part # 324005
Description  GSK 820 V/ 5
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

324005 Datasheet(HTML) 1 Page - Adels-Contact

  324005 Datasheet HTML 1Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
10/02/2020
PCB Connectors
GSK 820 V/ 5
Terminal Block Vertical, Pin Spacing: 5.0 mm, 5 pole, Insulating
Material: PBT, Voltage Rating: 250 V, Current Rating: 15 A, Cross-
Section: 1.5 mm²
Order Info
Reference Number (ref. no.)
324005
Applications
Lighting, Electrical Appliances, Transformers, Electronics
PU
500
Type
Type
Terminal Block Vertical
Number of poles
5 pole
Clamping Units per Pole
1
Colour
blue
Cross-Section
1.5 mm²
Connection Type
Screw
Technical Data
Voltage Rating
250 V
Current Rating
15 A
Insulating Material
PBT
Contact Material
Brass
Core Cross-Section min.
0.5 mm²
Core Cross-Section max.
2.5 mm²
Flammability Rating
V-0
max. Ambient Temperature Operation
85 °C
Type of Conductor Solid
yes
Type of Conductor Flexible
yes
Type of Conductor Stranded
yes
Stripping Length
4.5-5.0 mm
Assembly Contact Screw
0.6x3.5 / 0.5 Nm
Pin Spacing
5.0 mm
Approbation EN60998
GSK820_EN60998_20070920_VDE_40022167_web.pdf
Approbation UL
GSK820_GSK830_19890613_19961122_UL_E63492_1-09_Description_web.pdf
Approbation CSA
GSK_GST_Printklemmen_Serie_20160404_CSA_70070893_Certificate_web.pdf


Similar Part No. - 324005

ManufacturerPart #DatasheetDescription
logo
Littelfuse
324005 LITTELFUSE-324005 Datasheet
64Kb / 1P
Axial Lead and Cartridge Fuses
324005 LITTELFUSE-324005 Datasheet
53Kb / 1P
Axial Lead and Cartridge Fuses - Ceramic Body
logo
PHOENIX CONTACT
3240050 PHOENIX-3240050 Datasheet
67Kb / 4P
Connector - C-SCFI 1,5/4,8X0,5
3240051 PHOENIX-3240051 Datasheet
51Kb / 3P
Connector - C-SCFI 1,5/4,8X0,8
3240052 PHOENIX-3240052 Datasheet
67Kb / 4P
Connector - C-SCFI 1,5/6,3X0,8
More results

Similar Description - 324005

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
324002 ADELS-324002 Datasheet
118Kb / 1P
GSK 820 V/ 2
324003 ADELS-324003 Datasheet
120Kb / 1P
GSK 820 V/ 3
324004 ADELS-324004 Datasheet
120Kb / 1P
GSK 820 V/ 4
324006 ADELS-324006 Datasheet
123Kb / 1P
GSK 820 V/ 6
324102 ADELS-324102 Datasheet
119Kb / 1P
GSK 820 V/ 2 DS
324104 ADELS-324104 Datasheet
121Kb / 1P
GSK 820 V/ 4 DS
324105 ADELS-324105 Datasheet
122Kb / 1P
GSK 820 V/ 5 DS
324106 ADELS-324106 Datasheet
124Kb / 1P
GSK 820 V/ 6 DS
324405 ADELS-324405 Datasheet
111Kb / 1P
GSK 820 H/ 5
324505 ADELS-324505 Datasheet
112Kb / 1P
GSK 820 H/ 5 DS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com