Electronic Components Datasheet Search
  English  ▼

X  

TKE Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TKE
Description  1W 1.5KVDC and 3KVDC Isolated Miniature Single Output DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TKE Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TKE Datasheet HTML 1Page - Toppower Electronic Technology Limited TKE Datasheet HTML 2Page - Toppower Electronic Technology Limited TKE Datasheet HTML 3Page - Toppower Electronic Technology Limited TKE Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TKE Series
www.gztoppower.com
TEL:0086-20-62162688
EMAIL:sales2@gztoppower.com
page 1 of 4
DESCRIPTION:
The TKE series are miniature, isolated 1W DC/DC converters in a SIP and DIP package. They offer the ideal
solution in many space critical applications for board level power distribution. The internal SMD construction makes
it possible to offer a product with high performance at low cost. The series offers smaller size, improved efficiency.
1W 1.5KVDC and 3KVDC Isolated Miniature Single Output DC/DC Converters
FEATURES
RoHS compliant
Sub-Miniature SIP & DIP styles
DIP: 3KVDC isolation, SIP: 3KVDC /1.5KVDC isolation
UL 94V-0 package material
Operating temperature: -40℃ to 105℃
Power density 2.09W/cm3
Footprint at 0.69cm2
Industry standard pinout
Input voltage: 3.3V, 5V, 12V,24V
Output voltage: 3.3V, 5V, 9V, 12V,15V
Custom solutions available
CE certification
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current (Max./Min)
Efficiency
Package Style
V
V
mA
%
TKE0303D
3.3
3.3
303/30.3
71
DIP
TKE0305D
3.3
5
200/20
74
DIP
TKE0309D
3.3
9
111/11.1
75
DIP
TKE0303S
3.3
3.3
303/30.3
71
SIP
TKE0305S
3.3
5
200/20
75
SIP
TKE0309S
3.3
9
111/11.1
74
SIP
TKE0503D
5
3.3
303/30.3
74
DIP
TKE0505D
5
5
200/20
69
DIP
TKE0509D
5
9
111/11.1
74
DIP
TKE0512D
5
12
83/8.3
78
DIP
TKE0515D
5
15
67/6.7
78
DIP
TKE0503S
5
3.3
303/30.3
74
SIP
TKE0505S
5
5
200/20
69
SIP
TKE0509S
5
9
111/11.1
75
SIP
TKE0512S
5
12
83/8.3
78
SIP
TKE0515S
5
15
67/6.7
78
SIP
TKE1205D
12
5
200/20
72
DIP
TKE1209D
12
9
111/11.1
78
DIP
TKE1212D
12
12
83/8.3
80
DIP
TKE1215D
12
15
67/6.7
81
DIP
TKE1203S
12
3.3
303/30.3
72
SIP
TKE1205S
12
5
200/20
72
SIP
TKE1209S
12
9
111/11.1
78
SIP
TKE1212S
12
12
83/8.3
80
SIP
TKE1215S
12
15
67/6.7
81
SIP
TKE2405S
24
5
200/20
72
SIP
TKE2403D
24
3.3
303/30.3
73
DIP
TKE2405D
24
5
200/20
69
DIP
TKE2412D
24
12
83/8.3
78
DIP
TKE2415D
24
15
67/6.7
79
DIP
Add suffix “P” for continuous short circuit protection, for example TKE0505SP.
Add suffix “/H” for3KVDC isolated for SIP version, for example TKE0505S/H.


Similar Part No. - TKE

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TKE TOPPOWER-TKE Datasheet
387Kb / 4P
1W 1KVDC and 3KVDC Isolated Miniature Single Output DC/DC Converters
TKE TOPPOWER-TKE Datasheet
677Kb / 4P
1W 1.5KVDC and 3KVDC Isolated Miniature Single Output DC/DC Converters
TKE TOPPOWER-TKE Datasheet
744Kb / 4P
1W 1.5KVDC and 3KVDC Isolated Miniature Single Output DC/DC Converters
TKE TOPPOWER-TKE Datasheet
733Kb / 4P
1W 1.5KVDC and 3KVDC Isolated Miniature Single Output DC/DC Converters
TKE-W25 TOPPOWER-TKE-W25 Datasheet
818Kb / 4P
0.25W 1.5KVDC and 3KVDC Isolated Miniature Single Output DC/DC Converters
More results

Similar Description - TKE

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TKE TOPPOWER-TKE_17 Datasheet
469Kb / 4P
1W 1.5KVDC and 3KVDC Isolated Miniature Single Output DC/DC Converters
TKE-W5 TOPPOWER-TKE-W5 Datasheet
466Kb / 4P
0.5W 1.5KVDC and 3KVDC Isolated Miniature Single Output DC/DC Converters
TKE-W5 TOPPOWER-TKE-W5_18 Datasheet
1,011Kb / 4P
0.5W 1.5KVDC and 3KVDC Isolated Miniature Single Output DC/DC Converters
TKE TOPPOWER-TKE_19 Datasheet
677Kb / 4P
1W 1.5KVDC and 3KVDC Isolated Miniature Single Output DC/DC Converters
TKE_19 TOPPOWER-TKE_19_03 Datasheet
744Kb / 4P
1W 1.5KVDC and 3KVDC Isolated Miniature Single Output DC/DC Converters
TKE-W5 TOPPOWER-TKE-W5_19 Datasheet
738Kb / 4P
0.5W 1.5KVDC and 3KVDC Isolated Miniature Single Output DC/DC Converters
TKE-W25 TOPPOWER-TKE-W25 Datasheet
818Kb / 4P
0.25W 1.5KVDC and 3KVDC Isolated Miniature Single Output DC/DC Converters
TKE TOPPOWER-TKE_V01 Datasheet
733Kb / 4P
1W 1.5KVDC and 3KVDC Isolated Miniature Single Output DC/DC Converters
TKE-W5 TOPPOWER-TKE-W5_V01 Datasheet
729Kb / 4P
0.5W 1.5KVDC and 3KVDC Isolated Miniature Single Output DC/DC Converters
TKE-W25 TOPPOWER-TKE-W25_V01 Datasheet
750Kb / 4P
0.25W 1.5KVDC and 3KVDC Isolated Miniature Single Output DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com