Electronic Components Datasheet Search
  English  ▼

X  

M9F23402 Datasheet(PDF) 1 Page - Schneider Electric

Part # M9F23402
Description  Multi 9 - C60SP - MCB - 4P - 2 A - D Curve - 480Y/277 V - 10 kA - UL 1077
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

M9F23402 Datasheet(HTML) 1 Page - Schneider Electric

  M9F23402 Datasheet HTML 1Page - Schneider Electric M9F23402 Datasheet HTML 2Page - Schneider Electric M9F23402 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Characteristics
M9F23402
Multi 9 - C60SP - MCB - 4P - 2 A - D Curve -
480Y/277 V - 10 kA - UL 1077
Product availability : Stock - Normally stocked in distribution facility
Price** : 416.00 USD
Main
Range
Multi 9
Product name
Multi 9 C60
Product or component type
Miniature circuit-breaker
Device short name
C60SP
Device application
Distribution
Poles description
4P
Number of protected poles
4
Line Rated Current
2 A 77 °F (25 °C) EN/IEC 60947-2
Network type
AC
Trip unit technology
Thermal-magnetic
Curve code
D
Breaking capacity
14 kA AIR 240 V AC UL 1077
14 kA AIR 240 V AC CSA C22.2 No 235
10 kA AIR 480Y/277 V AC UL 1077
10 kA AIR 480Y/277 V AC CSA C22.2 No 235
6 kA Icu 440 V AC EN/IEC 60947-2
10 kA Icu 415 V AC EN/IEC 60947-2
20 kA Icu 240 V AC EN/IEC 60947-2
6 kA Icu 440 V AC GB 14048.2
10 kA Icu 415 V AC GB 14048.2
20 kA Icu 240 V AC GB 14048.2
Suitability for isolation
Yes EN/IEC 60947-2
Standards
EN/IEC 60947-2
GB 14048.2
UL 1077
CSA C22.2 No 235
Product certifications
IEC
CCC
UR
CSA
Mar 16, 2020
1


Similar Part No. - M9F23402

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
M9F23406 SCHNEIDER-M9F23406 Datasheet
127Kb / 3P
Multi 9 - C60SP - MCB - 4P - 6 A - D Curve - 480Y/277 V - 10 kA - UL 1077
M9F23408 SCHNEIDER-M9F23408 Datasheet
127Kb / 3P
Multi 9 - C60SP - MCB - 4P - 8 A - D Curve - 480Y/277 V - 10 kA - UL 1077
More results

Similar Description - M9F23402

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
M9F21402 SCHNEIDER-M9F21402 Datasheet
127Kb / 3P
Multi 9 - C60SP - MCB - 4P - 2 A - B Curve - 480Y/277 V - 10 kA - UL 1077
M9F22402 SCHNEIDER-M9F22402 Datasheet
127Kb / 3P
Multi 9 - C60SP - MCB - 4P - 2 A - C Curve - 480Y/277 V - 10 kA - UL 1077
Mar 10, 2020
M9F23432 SCHNEIDER-M9F23432 Datasheet
127Kb / 3P
Multi 9 - C60SP - MCB - 4P - 32 A - D Curve - 480Y/277 V - 10 kA - UL 1077
M9F23406 SCHNEIDER-M9F23406 Datasheet
127Kb / 3P
Multi 9 - C60SP - MCB - 4P - 6 A - D Curve - 480Y/277 V - 10 kA - UL 1077
M9F23408 SCHNEIDER-M9F23408 Datasheet
127Kb / 3P
Multi 9 - C60SP - MCB - 4P - 8 A - D Curve - 480Y/277 V - 10 kA - UL 1077
M9F23410 SCHNEIDER-M9F23410 Datasheet
127Kb / 3P
Multi 9 - C60SP - MCB - 4P - 10 A - D Curve - 480Y/277 V - 10 kA - UL 1077
M9F23413 SCHNEIDER-M9F23413 Datasheet
127Kb / 3P
Multi 9 - C60SP - MCB - 4P - 13 A - D Curve - 480Y/277 V - 10 kA - UL 1077
M9F23416 SCHNEIDER-M9F23416 Datasheet
127Kb / 3P
Multi 9 - C60SP - MCB - 4P - 16 A - D Curve - 480Y/277 V - 10 kA - UL 1077
Mar 16, 2020
M9F23420 SCHNEIDER-M9F23420 Datasheet
126Kb / 3P
Multi 9 - C60SP - MCB - 4P - 20 A - D Curve - 480Y/277 V - 10 kA - UL 1077
Mar 16, 2020
M9F23425 SCHNEIDER-M9F23425 Datasheet
127Kb / 3P
Multi 9 - C60SP - MCB - 4P - 25 A - D Curve - 480Y/277 V - 10 kA - UL 1077
Mar 16, 2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com