Electronic Components Datasheet Search
  English  ▼

X  

326005 Datasheet(PDF) 1 Page - Adels-Contact

Part # 326005
Description  GSK 830 V/ 5
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

326005 Datasheet(HTML) 1 Page - Adels-Contact

  326005 Datasheet HTML 1Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
10/02/2020
PCB Connectors
GSK 830 V/ 5
Terminal Block Vertical, Pin Spacing: 5.0 mm, 5 pole, Insulating Material: PBT, Voltage Rating: 250 V, Current
Rating: 24 A, Cross-Section: 2.5 mm²
Order Info
Reference Number (ref. no.)
326005
Applications
Lighting, Electrical Appliances, Transformers, Electronics
PU
0
Type
Type
Terminal Block Vertical
Number of poles
5 pole
Clamping Units per Pole
1
Colour
blue
Cross-Section
2.5 mm²
Connection Type
Screw
Technical Data
Voltage Rating
250 V
Current Rating
24 A
Insulating Material
PBT
Contact Material
Brass
Core Cross-Section min.
0.5 mm²
Core Cross-Section max.
4.0 mm²
Flammability Rating
V-0
max. Ambient Temperature Operation
85 °C
Type of Conductor Solid
yes
Type of Conductor Flexible
yes
Type of Conductor Stranded
yes
Stripping Length
4.5-5.0 mm
Assembly Contact Screw
0.6x3.5 / 0.5 Nm
Pin Spacing
5.0 mm
Approbation EN60998
GSK830_EN60998_20070920_VDE_40022165_web.pdf
Approbation UL
GSK820_GSK830_19890613_19961122_UL_E63492_1-09_Description_web.pdf
Approbation CSA
GSK_GST_Printklemmen_Serie_20160404_CSA_70070893_Certificate_web.pdf


Similar Part No. - 326005

ManufacturerPart #DatasheetDescription
logo
Littelfuse
326005 LITTELFUSE-326005 Datasheet
43Kb / 1P
Axial Lead and Cartridge Fuses - Ceramic Body
326005 LITTELFUSE-326005 Datasheet
92Kb / 1P
3AB Slo-Blo Fuse 325/326 Series
logo
TE Connectivity Ltd
326005 TEC-326005 Datasheet
6Mb / 20P
AMPOWER TERMINALS AND SPLICES
326005-2 TEC-326005-2 Datasheet
6Mb / 20P
AMPOWER TERMINALS AND SPLICES
logo
PHOENIX CONTACT
3260050 PHOENIX-3260050 Datasheet
88Kb / 7P
High-current terminal block - PTPOWER 50
More results

Similar Description - 326005

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
326002 ADELS-326002 Datasheet
120Kb / 1P
GSK 830 V/ 2
326003 ADELS-326003 Datasheet
120Kb / 1P
GSK 830 V/ 3
326004 ADELS-326004 Datasheet
121Kb / 1P
GSK 830 V/ 4
326006 ADELS-326006 Datasheet
111Kb / 1P
GSK 830 V/ 6
326102 ADELS-326102 Datasheet
112Kb / 1P
GSK 830 V/ 2 DS
326103 ADELS-326103 Datasheet
112Kb / 1P
GSK 830 V/ 3 DS
326105 ADELS-326105 Datasheet
112Kb / 1P
GSK 830 V/ 5 DS
326106 ADELS-326106 Datasheet
112Kb / 1P
GSK 830 V/ 6 DS
326405 ADELS-326405 Datasheet
111Kb / 1P
GSK 830 H/ 5
326505 ADELS-326505 Datasheet
112Kb / 1P
GSK 830 H/ 5 DS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com