Electronic Components Datasheet Search
  English  ▼

X  

332002 Datasheet(PDF) 1 Page - Adels-Contact

Part # 332002
Description  GSK 840 V/ 2
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

332002 Datasheet(HTML) 1 Page - Adels-Contact

  332002 Datasheet HTML 1Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
10/02/2020
PCB Connectors
GSK 840 V/ 2
Terminal Block Vertical, Pin Spacing: 5.0 mm, 2 pole, Insulating
Material: PBT, Voltage Rating: 250 V, Current Rating: 20 A, Cross-
Section: 2.5 mm²
Order Info
Reference Number (ref. no.)
332002
Applications
Lighting, Electrical Appliances, Transformers, Electronics
PU
500
EAN
4028012109661
Type
Type
Terminal Block Vertical
Number of poles
2 pole
Clamping Units per Pole
1
Colour
blue
Cross-Section
2.5 mm²
Connection Type
Screw
Technical Data
Voltage Rating
250 V
Current Rating
20 A
Insulating Material
PBT
Contact Material
Brass
Core Cross-Section min.
0.5 mm²
Core Cross-Section max.
4.0 mm²
Flammability Rating
V-0
max. Ambient Temperature Operation
85 °C
Type of Conductor Solid
yes
Type of Conductor Flexible
yes
Type of Conductor Stranded
yes
Stripping Length
7.5-8.0 mm
Assembly Contact Screw
0.8x4.0 / 0.5 Nm
Pin Spacing
5.0 mm
Approbation EN60998
GSK840_EN60998_20080131_VDE_40023311_web.pdf
Approbation UL
GSK840_GSK845_GSK850_GSK852_19901001_19941212_UL_E63492_1-10_Description_web.pdf
Approbation CSA
GSK_GST_Printklemmen_Serie_20160404_CSA_70070893_Certificate_web.pdf


Similar Part No. - 332002

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
332003 ADELS-332003 Datasheet
121Kb / 1P
GSK 840 V/ 3
332004 ADELS-332004 Datasheet
122Kb / 1P
GSK 840 V/ 4
332005 ADELS-332005 Datasheet
111Kb / 1P
GSK 840 V/ 5
332006 ADELS-332006 Datasheet
125Kb / 1P
GSK 840 V/ 6
More results

Similar Description - 332002

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
332003 ADELS-332003 Datasheet
121Kb / 1P
GSK 840 V/ 3
332004 ADELS-332004 Datasheet
122Kb / 1P
GSK 840 V/ 4
332005 ADELS-332005 Datasheet
111Kb / 1P
GSK 840 V/ 5
332006 ADELS-332006 Datasheet
125Kb / 1P
GSK 840 V/ 6
332102 ADELS-332102 Datasheet
120Kb / 1P
GSK 840 VO/ 2
332105 ADELS-332105 Datasheet
111Kb / 1P
GSK 840 VO/ 5
332106 ADELS-332106 Datasheet
125Kb / 1P
GSK 840 VO/ 6
332402 ADELS-332402 Datasheet
111Kb / 1P
GSK 840 H/ 2
332404 ADELS-332404 Datasheet
111Kb / 1P
GSK 840 H/ 4
332502 ADELS-332502 Datasheet
111Kb / 1P
GSK 840 HO/ 2
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com