Electronic Components Datasheet Search
  English  ▼

X  

74AC174 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 74AC174
Description  Hex D Flip?묯lop with Master Reset
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74AC174 Datasheet(HTML) 4 Page - ON Semiconductor

  74AC174 Datasheet HTML 1Page - ON Semiconductor 74AC174 Datasheet HTML 2Page - ON Semiconductor 74AC174 Datasheet HTML 3Page - ON Semiconductor 74AC174 Datasheet HTML 4Page - ON Semiconductor 74AC174 Datasheet HTML 5Page - ON Semiconductor 74AC174 Datasheet HTML 6Page - ON Semiconductor 74AC174 Datasheet HTML 7Page - ON Semiconductor 74AC174 Datasheet HTML 8Page - ON Semiconductor 74AC174 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MC74AC174, MC74ACT174
http://onsemi.com
4
AC CHARACTERISTICS (For Figures and Waveforms − See Section 3 of the ON Semiconductor FACT Data Book, DL138/D)
Symbol
Parameter
VCC*
(V)
74AC
74AC
Unit
Fig.
No.
TA = +25°C
CL = 50 pF
TA = −40°C
to +85°C
CL = 50 pF
Min
Typ
Max
Min
Max
fmax
Maximum Clock
3.3
90
100
−
70
−
MHz
3−3
Frequency
5.0
100
125
−
100
−
tPLH
Propagation Delay
3.3
2.0
9.0
11.5
1.5
12.5
ns
3−6
CP to Qn
5.0
1.5
6.0
8.5
1.0
9.5
tPHL
Propagation Delay
3.3
2.0
8.5
11.0
1.5
12.0
ns
3−6
CP to Qn
5.0
1.5
6.0
8.0
1.0
9.0
tPHL
Propagation Delay
3.3
2.5
9.0
11.5
2.0
12.5
ns
3−6
MR to Qn
5.0
1.5
7.0
9.0
1.5
10.5
*Voltage Range 3.3 V is 3.3 V ±0.3 V.
*Voltage Range 5.0 V is 5.0 V ±0.5 V.
AC OPERATING REQUIREMENTS
Symbol
Parameter
VCC*
(V)
74AC
74AC
Unit
Fig.
No.
TA = +25°C
CL = 50 pF
TA = −40°C
to +85°C
CL = 50 pF
Typ
Guaranteed Minimum
ts
Setup Time, HIGH or LOW
3.3
2.5
6.5
7.0
ns
3−9
Dn to CP
5.0
2.0
5.0
5.5
th
Hold Time, HIGH or LOW
3.3
1.0
3.0
3.0
ns
3−9
Dn to CP
5.0
0.5
3.0
3.0
tw
MR Pulse Width, LOW
3.3
1.0
5.5
7.0
ns
3−6
5.0
1.0
5.0
5.0
tw
CP Pulse Width
3.3
1.0
5.5
7.0
ns
3−6
5.0
1.0
5.0
5.0
trec
Recovery TIme
3.3
0
2.5
2.5
ns
3−6
MR to CP
5.0
0
2.0
2.0
*Voltage Range 3.3 V is 3.3 V ±0.3 V.
*Voltage Range 5.0 V is 5.0 V ±0.5 V.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com