Electronic Components Datasheet Search
  English  ▼

X  

UCD8620PWPR Datasheet(PDF) 13 Page - Texas Instruments

Part # UCD8620PWPR
Description  DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD8620PWPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button UCD8620PWPR Datasheet HTML 9Page - Texas Instruments UCD8620PWPR Datasheet HTML 10Page - Texas Instruments UCD8620PWPR Datasheet HTML 11Page - Texas Instruments UCD8620PWPR Datasheet HTML 12Page - Texas Instruments UCD8620PWPR Datasheet HTML 13Page - Texas Instruments UCD8620PWPR Datasheet HTML 14Page - Texas Instruments UCD8620PWPR Datasheet HTML 15Page - Texas Instruments UCD8620PWPR Datasheet HTML 16Page - Texas Instruments UCD8620PWPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
www.ti.com
0
5
10
15
20
5
7.5
10
12.5
15
VDD − Supply Voltage − V
CLOAD = 10 nF
CLOAD = 4.7 nF
CLOAD = 2.2 nF
CLOAD = 1 nF
5
10
15
20
25
30
35
40
45
5
7.5
10
12.5
15
VDD − Supply Voltage − V
CLOAD = 10 nF
CLOAD = 4.7 nF
CLOAD = 2.2 nF
CLOAD = 1 nF
5
10
15
20
25
5
7.5
10
12.5
15
VDD − Supply Voltage − V
CLOAD = 10 nF
CLOAD = 4.7 nF
CLOAD = 2.2 nF
CLOAD = 1 nF
−50
50
125
−25
0
25
75
100
0.51
0.52
0.53
0.54
0.55
0.56
0.57
0.58
0.59
TJ − Temperature −°C
UCD8220, UCD8620
SLUS652B – MARCH 2005 – REVISED SEPTEMBER 2005
TYPICAL CHARACTERISTICS (continued)
OUTPUT FALL TIME
CLK to OUTx PROPAGATION DELAY RISING
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 20.
Figure 21.
CLK TO OUTx PROPAGATION DELAY FALLING
DEFAULT CURRENT LIMIT THRESHOLD
vs
vs
SUPPLY CURRENT
TEMPERATURE
Figure 22.
Figure 23.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com