Electronic Components Datasheet Search
  English  ▼

X  

2926331 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2926331
Description  UM 45-D50SUB/S/ZFKDS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2926331 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2926331 Datasheet HTML 1Page - PHOENIX CONTACT 2926331 Datasheet HTML 2Page - PHOENIX CONTACT 2926331 Datasheet HTML 3Page - PHOENIX CONTACT 2926331 Datasheet HTML 4Page - PHOENIX CONTACT 2926331 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 5
http://www.phoenixcontact.de
Feb 25, 2011
Extract from the online
catalog
 
UM 45-D50SUB/S/ZFKDS
Order No.: 2293653
The illustration shows version UM 45-D 37SUB/S/ZFKDS
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2293653
 
 
VARIOFACE module, with spring-cage connection and D-
Subminiature pin strip, for mounting on NS 35/7.5, 50-pos.
 
Commercial data
GTIN (EAN)
4
017918
120559
sales group
I011
Pack
1 pcs.
Customs tariff
85369010
Catalog page information
Page 286 (IF-2009)
Product notes
WEEE/RoHS-compliant since:
01/19/2007
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General data
Nominal voltage UN
125 V AC/DC
Max. current carrying capacity per branch
2.5 A
1.5 A (with even load on all branches)
Number of positions
50


Similar Part No. - 2926331

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2926331 PHOENIX-2926331 Datasheet
183Kb / 5P
FLKM-D50 SUB/S/LA
2926331 PHOENIX-2926331 Datasheet
124Kb / 5P
FLKM-D50 SUB/S/ZFKDS
2926331 PHOENIX-2926331 Datasheet
171Kb / 5P
FLKM-D50 SUB/S/MKKDS
More results

Similar Description - 2926331

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2293527 PHOENIX-2293527 Datasheet
109Kb / 5P
UM 45-FLK14/ZFKDS
2293572 PHOENIX-2293572 Datasheet
124Kb / 5P
UM 45-FLK40/ZFKDS
2293611 PHOENIX-2293611 Datasheet
117Kb / 5P
UM 45-D 9SUB/S/ZFKDS
2293624 PHOENIX-2293624 Datasheet
117Kb / 5P
UM 45-D15SUB/S/ZFKDS
2293637 PHOENIX-2293637 Datasheet
117Kb / 5P
UM 45-D25SUB/S/ZFKDS
2293640 PHOENIX-2293640 Datasheet
117Kb / 5P
UM 45-D37SUB/S/ZFKDS
2965949 PHOENIX-2965949 Datasheet
55Kb / 2P
UM 45-D50SUB/S (1-50)
2968409 PHOENIX-2968409 Datasheet
100Kb / 4P
UM 45-FLKS20/ZFKDS
2968425 PHOENIX-2968425 Datasheet
96Kb / 4P
UM 45-FLKS34/ZFKDS
2968438 PHOENIX-2968438 Datasheet
98Kb / 4P
UM 45-FLKS40/ZFKDS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com