Electronic Components Datasheet Search
  English  ▼

X  

74ACT174 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 74ACT174
Description  Hex D Flip?묯lop with Master Reset
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT174 Datasheet(HTML) 1 Page - ON Semiconductor

  74ACT174 Datasheet HTML 1Page - ON Semiconductor 74ACT174 Datasheet HTML 2Page - ON Semiconductor 74ACT174 Datasheet HTML 3Page - ON Semiconductor 74ACT174 Datasheet HTML 4Page - ON Semiconductor 74ACT174 Datasheet HTML 5Page - ON Semiconductor 74ACT174 Datasheet HTML 6Page - ON Semiconductor 74ACT174 Datasheet HTML 7Page - ON Semiconductor 74ACT174 Datasheet HTML 8Page - ON Semiconductor 74ACT174 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2006
June, 2006 − Rev. 7
1
Publication Order Number:
MC74AC174/D
MC74AC174, MC74ACT174
Hex D Flip−Flop
with Master Reset
The MC74AC174/74ACT174 is a high−speed hex D flip−flop. The
device is used primarily as a 6−bit edge−triggered storage register. The
information on the D inputs is transferred to storage during the
LOW−to−HIGH clock transition. The device has a Master Reset to
simultaneously clear all flip−flops.
• Outputs Source/Sink 24 mA
• ′ACT174 Has TTL Compatible Inputs
15
16
14
13
12
11
10
2
1
34567
VCC
9
8
Q5
D5
D4
Q4
D3
Q3
CP
MR
Q0
D0
D1
Q1
D2
Q2 GND
Figure 1. Pinout: 16−Lead Packages Conductors
(Top View)
PIN ASSIGNMENT
PIN
FUNCTION
D0−D5
Data Inputs
CP
Clock Pulse Input
MR
Master Reset Input
Q0−Q5
Outputs
TRUTH TABLE
Inputs
Output
MR
CP
D
Q
L
X
X
L
H
H
H
H
L
L
H
L
X
Q
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
= LOW−to−HIGH Transition of Clock
http://onsemi.com
DIP−16
N SUFFIX
CASE 648
1
16
SO−16
D SUFFIX
CASE 751B
1
16
Device
Package
Shipping
ORDERING INFORMATION
MC74AC174N
PDIP−16
25 Units/Rail
MC74AC174D
SOIC−16
48 Units/Rail
MC74AC174DR2
2500 Tape & Reel
TSSOP−16
DT SUFFIX
CASE 948F
MC74AC174DT
TSSOP−16
96 Units/Rail
MC74AC174DTR2 TSSOP−16
SOIC−16
2500 Tape & Reel
MC74ACT174N
PDIP−16
25 Units/Rail
MC74ACT174D
SOIC−16
48 Units/Rail
MC74ACT174DR2
2500 Tape & Reel
MC74ACT174DT
TSSOP−16
96 Units/Rail
SOIC−16
1
16
See general marking information in the device marking
section on page 6 of this data sheet.
DEVICE MARKING INFORMATION
1
16
EIAJ−16
M SUFFIX
CASE 966
MC74AC174M
EIAJ−16
MC74AC174MEL
EIAJ−16
2000 Tape & Reel
MC74ACT174M
EIAJ−16
MC74ACT174MEL
EIAJ−16
2000 Tape & Reel
50 Units/Rail
50 Units/Rail


Similar Part No. - 74ACT174

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT174 STMICROELECTRONICS-74ACT174 Datasheet
86Kb / 10P
HEX D-TYPE FLIP FLOP WITH CLEAR
May-1997
74ACT174 STMICROELECTRONICS-74ACT174 Datasheet
253Kb / 11P
HEX D-TYPE FLIP FLOP WITH CLEAR
Apr-2001
74ACT174B STMICROELECTRONICS-74ACT174B Datasheet
86Kb / 10P
HEX D-TYPE FLIP FLOP WITH CLEAR
May-1997
74ACT174B STMICROELECTRONICS-74ACT174B Datasheet
253Kb / 11P
HEX D-TYPE FLIP FLOP WITH CLEAR
Apr-2001
74ACT174M STMICROELECTRONICS-74ACT174M Datasheet
86Kb / 10P
HEX D-TYPE FLIP FLOP WITH CLEAR
May-1997
More results

Similar Description - 74ACT174

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC174 NSC-54AC174 Datasheet
140Kb / 8P
Hex D Flip-Flop with Master Reset
54F174DM NSC-54F174DM Datasheet
166Kb / 8P
Hex D Flip-Flop with Master Reset
logo
ON Semiconductor
MC10186 ONSEMI-MC10186 Datasheet
108Kb / 5P
Hex D Master-Slave Flip-Flop With Reset
1996 REV 5
logo
Fairchild Semiconductor
74F174 FAIRCHILD-74F174 Datasheet
57Kb / 6P
Hex D-Type Flip-Flop with Master Reset
logo
AVG Semiconductors(HITE...
DV74ACT174 AVG-DV74ACT174 Datasheet
310Kb / 4P
Hex D Flip-flop with Master Reset
logo
ON Semiconductor
MC10H176 ONSEMI-MC10H176_06 Datasheet
153Kb / 7P
Hex D Master?뭆lave Flip?묯lop
February, 2006 ??Rev. 7
MC10H186 ONSEMI-MC10H186_06 Datasheet
149Kb / 5P
Hex D Master?뭆lave Flip?묯lop with Reset
February, 2006 ??Rev. 7
MC10186 ONSEMI-MC10186_02 Datasheet
110Kb / 8P
Hex D Master-Slave Flip-Flop with Reset
January, 2002 ??Rev. 7
NLSF1174 ONSEMI-NLSF1174_06 Datasheet
82Kb / 6P
Hex D Flip?묯lop with Common Clock and Reset
May, 2006 ??Rev. 5
logo
Renesas Technology Corp
HD74AC174 RENESAS-HD74AC174 Datasheet
210Kb / 8P
Hex D-Type Flip-Flop with Master Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com