Electronic Components Datasheet Search
  English  ▼

X  

74ACT157 Datasheet(PDF) 6 Page - ON Semiconductor

Part # 74ACT157
Description  Quad 2-Input Multiplexer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT157 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button 74ACT157 Datasheet HTML 2Page - ON Semiconductor 74ACT157 Datasheet HTML 3Page - ON Semiconductor 74ACT157 Datasheet HTML 4Page - ON Semiconductor 74ACT157 Datasheet HTML 5Page - ON Semiconductor 74ACT157 Datasheet HTML 6Page - ON Semiconductor 74ACT157 Datasheet HTML 7Page - ON Semiconductor 74ACT157 Datasheet HTML 8Page - ON Semiconductor 74ACT157 Datasheet HTML 9Page - ON Semiconductor 74ACT157 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MC74AC157, MC74ACT157
http://onsemi.com
6
CAPACITANCE
Symbol
Parameter
Value
Typ
Unit
Test Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0 V
CPD
Power Dissipation Capacitance
50
pF
VCC = 5.0 V
ORDERING INFORMATION
Device Order N mber
Package
Shipping†
Device Order Number
Package
Shipping†
MC74AC157N
PDIP−16
25 Units / Rail
MC74AC157NG
PDIP−16
(Pb−Free)
25 Units / Rail
MC74ACT157N
PDIP−16
25 Units / Rail
MC74AC157D
SOIC−16
48 Units / Rail
MC74ACT157D
SOIC−16
48 Units / Rail
MC74ACT157DG
SOIC−16
(Pb−Free)
48 Units / Rail
MC74AC157DR2
SOIC−16
2500 Tape & Reel
MC74AC157DR2G
SOIC−16
(Pb−Free)
2500 Tape & Reel
MC74ACT157DR2
SOIC−16
2500 Tape & Reel
MC74ACT157DR2G
SOIC−16
(Pb−Free)
2500 Tape & Reel
MC74AC157DT
TSSOP−16*
96 Units / Rail
MC74ACT157DT
TSSOP−16*
96 Units / Rail
MC74AC157DTR2
TSSOP−16*
2500 Tape & Reel
MC74ACT157DTR2
TSSOP−16*
2500 Tape & Reel
MC74AC157M
EIAJ−16
50 Units / Rail
MC74ACT157M
EIAJ−16
50 Units / Rail
MC74AC157MEL
EIAJ−16
2000 Tape & Reel
MC74ACT157MEL
EIAJ−16
2000 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*This package is inherently Pb−Free.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com