Electronic Components Datasheet Search
  English  ▼

X  

2321813 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2321813
Description  Passive module - FLKM-2KS50/BFI/SPT/CS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2321813 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2321813 Datasheet HTML 1Page - PHOENIX CONTACT 2321813 Datasheet HTML 2Page - PHOENIX CONTACT 2321813 Datasheet HTML 3Page - PHOENIX CONTACT 2321813 Datasheet HTML 4Page - PHOENIX CONTACT 2321813 Datasheet HTML 5Page - PHOENIX CONTACT 2321813 Datasheet HTML 6Page - PHOENIX CONTACT 2321813 Datasheet HTML 7Page - PHOENIX CONTACT 2321813 Datasheet HTML 8Page - PHOENIX CONTACT 2321813 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
https://www.phoenixcontact.com/us/products/2321813
08/29/2016   Page 1 / 16
Passive module - FLKM-2KS50/BFI/SPT/CS - 2321813
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Interface module for Yokogawa ADV 151, ADV 161, ADV 551 and ADV 561 I/O modules with a fuse (5 x 20) and
fuse failure display (LED) per channel. Redundant system connection.
Key Commercial Data
Packing unit
1 STK
Weight per Piece (excluding packing)
797.000 g
Custom tariff number
85369010
Country of origin
Germany
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Dimensions
Width
344 mm
Height
126 mm
Depth
70 mm
Ambient conditions
Ambient temperature (operation)
-20 °C ... 50 °C
Ambient temperature (storage/transport)
-20 °C ... 70 °C
General
Note
Voltage monitoring on the module does not work in combination with
upstream HESILED fuse terminal blocks with integrated LED display.
Max. perm. operating voltage
24 V DC ±10 %


Similar Part No. - 2321813

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2321811-1 TEC-2321811-1 Datasheet
398Kb / 2P
DUAL BAND DIRECTIONAL PATCH ANTENNA
More results

Similar Description - 2321813

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2321826 PHOENIX-2321826 Datasheet
90Kb / 14P
Passive module - FLKM-2KS40/SPT/CS
2321842 PHOENIX-2321842 Datasheet
126Kb / 16P
Passive module - FLKM-2KS50/BFI/SPT/CS/C-L
2321855 PHOENIX-2321855 Datasheet
91Kb / 14P
Passive module - FLKM-2KS40/SPT/CS/C-L
2321871 PHOENIX-2321871 Datasheet
65Kb / 4P
Passive module - FLKM-2KS50/AAR145/Z/YCS
2321884 PHOENIX-2321884 Datasheet
130Kb / 6P
Passive module - FLKM-2KS50/PMT/ADV151/YCS
2321923 PHOENIX-2321923 Datasheet
157Kb / 17P
Passive module - FLKM-2KS50/PMT/ADV151/Z/YCS
2311360 PHOENIX-2311360 Datasheet
118Kb / 15P
Passive module - UM-2KS50/DI32/CS/Z/SO180
2900162 PHOENIX-2900162 Datasheet
99Kb / 4P
Passive module - FLKM-2KS50/BFI/MKDS/CS
2905714 PHOENIX-2905714 Datasheet
63Kb / 4P
Passive module - FLKM-2KS50/AAR145/YCS
2968519 PHOENIX-2968519 Datasheet
138Kb / 16P
Active module - UM-2KS50/32RM/MR/21/SPT/CS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com