Electronic Components Datasheet Search
  English  ▼

X  

TMG3C80C Datasheet(PDF) 2 Page - SanRex Corporation

Part # TMG3C80C
Description  TRIAC(Though Hole /Non-isolated)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

TMG3C80C Datasheet(HTML) 2 Page - SanRex Corporation

  TMG3C80C Datasheet HTML 1Page - SanRex Corporation TMG3C80C Datasheet HTML 2Page - SanRex Corporation TMG3C80C Datasheet HTML 3Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TMG3C80C
Gate Characteristics
Gate Current(mA)
0.
1
1
10
10
1
100
1000
VGM
(7V)
PGM
(1.5W)
VGD
(0.2V)
PG(AV)
(0.1W)
25℃
1+GT1
1−GT1
1−GT3
On-State Characteristics(MAX)
On-State Voltage(V)
0
0.5
1
1.5
2
2.5
3
3.5
0.1
1
10
100
T
j=25℃
T
j=125℃
RMS On-State Current(A)
0
4
3.5
3
2.5
2
1.5
1
0.5
0
0.5
1
1.5
2
2.5
3
RMS On-State Current vs
Maximum Power Dissipation
θ=30゜
θ=60゜
θ=90゜
θ=120゜
θ=180゜
θ=150゜
0
2π
360゜
θ
θ
θ
:Conduction Angle
π
RMS On-State Current(A)
105
110
115
120
125
0
0.5
1
1.5
2.5
2
3
RMS On-State vs
Allowable Case Temperature
0
2π
360゜
θ
θ
θ
:Conduction Angle
π
θ=30゜
θ=90゜
θ=150゜
θ=180゜
θ=120゜
θ=60゜
Time(Cycles)
0
35
30
25
20
15
10
5
1
10
100
Surge On-State Current Rating
           (Non-Repetitive)
60HZ
50HZ
100
0.1
1
10
100
1000 10000 100000
1
10
0.01
Time(Sec.)
Transient Thermal Impedance
Rth(j−a)
Rth(j−c)
Junction Temp. Tj(℃)
10
100
1000
−50
−25
0
50
75
25
100
125
IGT −Tj(Typical)
I
+
GT1
(!
+)
I
−
GT1
(!
−)
I
−
GT3
(#
−)
I
+
GT1
(!
+)
I
−
GT1
(!
−)
I
−
GT3
(#
−)
Junction Temp. Tj(℃)
10
100
1000
−50
−25
0
50
75
25
100
125
VGT −Tj(Typical)
SanRex 50 Seaview Blvd. Port Washington, NY 11050 PH(516)625-1313 FX(516)625-8845 E-mail:semi@sanrex.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com