Electronic Components Datasheet Search
  English  ▼

X  

336402 Datasheet(PDF) 1 Page - Adels-Contact

Part # 336402
Description  GSK 850 H/ 2
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

336402 Datasheet(HTML) 1 Page - Adels-Contact

  336402 Datasheet HTML 1Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
10/02/2020
PCB Connectors
GSK 850 H/ 2
Terminal Block Horizontal, Pin Spacing: 5.0 mm, 2 pole, Insulating Material: PBT, Voltage Rating: 250 V,
Current Rating: 24 A, Cross-Section: 2.5 mm²
Order Info
Reference Number (ref. no.)
336402
Applications
Lighting, Transformers, Electronics
PU
500
EAN
4028012109821
Type
Type
Terminal Block Horizontal
Number of poles
2 pole
Clamping Units per Pole
1
Colour
blue
Cross-Section
2.5 mm²
Connection Type
Screw
Technical Data
Voltage Rating
250 V
Current Rating
24 A
Insulating Material
PBT
Contact Material
Brass
Core Cross-Section min.
0.5 mm²
Core Cross-Section max.
2.5 mm²
Flammability Rating
V-0
max. Ambient Temperature Operation
85 °C
Type of Conductor Solid
yes
Type of Conductor Flexible
yes
Type of Conductor Stranded
yes
Stripping Length
6.5-7.0 mm
Assembly Contact Screw
0.6x3.5 / 0.5 Nm
Pin Spacing
5.0 mm
Approbation EN60998
GSK850_GSK852_EN60998_20070808_VDE_40021790_web.pdf
Approbation UL
GSK840_GSK845_GSK850_GSK852_19901001_19941212_UL_E63492_1-10_Description_web.pdf
Approbation CSA
GSK_GST_Printklemmen_Serie_20160404_CSA_70070893_Certificate_web.pdf


Similar Part No. - 336402

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
336403 ADELS-336403 Datasheet
119Kb / 1P
GSK 850 H/ 3
336404 ADELS-336404 Datasheet
111Kb / 1P
GSK 850 H/ 4
336405 ADELS-336405 Datasheet
111Kb / 1P
GSK 850 H/ 5
336406 ADELS-336406 Datasheet
111Kb / 1P
GSK 850 H/ 6
More results

Similar Description - 336402

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
314402 ADELS-314402 Datasheet
117Kb / 1P
GSK 720 H/ 2
324402 ADELS-324402 Datasheet
137Kb / 1P
GSK 820 H/ 2
326402 ADELS-326402 Datasheet
119Kb / 1P
GSK 830 H/ 2
326502 ADELS-326502 Datasheet
112Kb / 1P
GSK 830 H/ 2 DS
332402 ADELS-332402 Datasheet
111Kb / 1P
GSK 840 H/ 2
336002 ADELS-336002 Datasheet
119Kb / 1P
GSK 850 V/ 2
336403 ADELS-336403 Datasheet
119Kb / 1P
GSK 850 H/ 3
336404 ADELS-336404 Datasheet
111Kb / 1P
GSK 850 H/ 4
336405 ADELS-336405 Datasheet
111Kb / 1P
GSK 850 H/ 5
336406 ADELS-336406 Datasheet
111Kb / 1P
GSK 850 H/ 6
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com