Electronic Components Datasheet Search
  English  ▼

X  

0804549 Datasheet(PDF) 12 Page - PHOENIX CONTACT

Part # 0804549
Description  DFK-PC 5/ 2-ST-7,62
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804549 Datasheet(HTML) 12 Page - PHOENIX CONTACT

Back Button 0804549 Datasheet HTML 5Page - PHOENIX CONTACT 0804549 Datasheet HTML 6Page - PHOENIX CONTACT 0804549 Datasheet HTML 7Page - PHOENIX CONTACT 0804549 Datasheet HTML 8Page - PHOENIX CONTACT 0804549 Datasheet HTML 9Page - PHOENIX CONTACT 0804549 Datasheet HTML 10Page - PHOENIX CONTACT 0804549 Datasheet HTML 11Page - PHOENIX CONTACT 0804549 Datasheet HTML 12Page - PHOENIX CONTACT 0804549 Datasheet HTML 13Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
1716506 DFK-PC 5/ 2-ST-7,62
REF 1716506
PHOENIX CONTACT 12 / 13
2017-09-04
Product version 05
Document revision 0
16
Commercial Data
Order No.
1716506
Type
DFK-PC 5/ 2-ST-7,62
Pieces per package
10
Net weight
18.18 g
GTIN
4046356137126
Information that applies locally, see link on page 1
Country of origin
Information that applies locally, see link on page 1
Description
Order No.
Type
Coding profile, for plugging into the coding ribs of the plug at a later date,
insulating material, color: Red
1701967
CP-PC RD
Screw set for DFK-PC 16... connectors
1705449
DFK-PC 16-SS
Screwdriver, PZ crosshead, VDE insulated, size: PZ 1 x 80 mm, 2-compo-
nent grip, with non-slip grip
1206450
SZK PZ1 VDE
0804549
SK 7,62/3,8:FORTL.ZAHLEN
0825128
SK 3,8 REEL P7,62 WH CUS
0803906
SK U/3,8 WH:UNBEDRUCKT
0805218
SK 3,8 WH:REEL
17
Accessories



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com