Electronic Components Datasheet Search
  English  ▼

X  

362012 Datasheet(PDF) 1 Page - Adels-Contact

Part # 362012
Description  GSK 760/12
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

362012 Datasheet(HTML) 1 Page - Adels-Contact

  362012 Datasheet HTML 1Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
10/02/2020
Pluggable PCB Connectors
GSK 760/12
Female Header, Pin Spacing: 3.5 mm, 12 pole, Voltage Rating: 125 V,
Current Rating: 8 A, Cross-Section: 1.5 mm², Connection Type: Screw
Order Info
Reference Number (ref. no.)
362012
Applications
Lighting, Electrical Appliances, Electronics
PU
100
EAN
4028012117666
Type
Type
Female Header
Number of poles
12 pole
Clamping Units per Pole
1
Colour
blue
Cross-Section
1.5 mm²
Connection Type
Screw
Protection Against Incorrect Plugging
yes
Technical Data
Voltage Rating
125 V
Current Rating
8 A
Insulating Material
PBT
Contact Material
Brass
Core Cross-Section min.
0.5 mm²
Core Cross-Section max.
1.5 mm²
Flammability Rating
V-0
max. Ambient Temperature Operation
60 °C
Type of Conductor Solid
yes
Type of Conductor Flexible
yes
Type of Conductor Stranded
yes
Stripping Length
6.0-6.5 mm
Assembly Contact Screw
0.4x2.5 / 0.2 Nm
Pin Spacing
3.5 mm
Approbation EN61984
GSK760_GST760_GSK_864_GSK864_EN61984_20060227_20110511_VDE_40016970_web.pdf
Approbation UL
GSK760_GSK860_GSK864_GSK865_UL_E63492_1-11_Description_web.pdf
Approbation CSA
GSK_GST_Printklemmen_Serie_20160404_CSA_70070893_Certificate_web.pdf


Similar Part No. - 362012

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
36201 MACOM-36201 Datasheet
80Kb / 1P
TERMINAL, RING TONGUE, HEAVY DUTY, BUDGET
logo
Adels-Contact
362010 ADELS-362010 Datasheet
121Kb / 1P
GSK 760/10
logo
List of Unclassifed Man...
3620100600 ETC2-3620100600 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
logo
Adels-Contact
362011 ADELS-362011 Datasheet
112Kb / 1P
GSK 760/11
More results

Similar Description - 362012

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
362002 ADELS-362002 Datasheet
117Kb / 1P
GSK 760/ 2
362003 ADELS-362003 Datasheet
117Kb / 1P
GSK 760/ 3
362004 ADELS-362004 Datasheet
118Kb / 1P
GSK 760/ 4
362005 ADELS-362005 Datasheet
118Kb / 1P
GSK 760/ 5
362006 ADELS-362006 Datasheet
112Kb / 1P
GSK 760/ 6
362007 ADELS-362007 Datasheet
120Kb / 1P
GSK 760/ 7
362008 ADELS-362008 Datasheet
120Kb / 1P
GSK 760/ 8
362009 ADELS-362009 Datasheet
112Kb / 1P
GSK 760/ 9
362011 ADELS-362011 Datasheet
112Kb / 1P
GSK 760/11
364002 ADELS-364002 Datasheet
118Kb / 1P
GSK 760/12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com