Electronic Components Datasheet Search
  English  ▼

X  

IXFH7N80 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXFH7N80
Description  HiPerFET Power MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFH7N80 Datasheet(HTML) 4 Page - IXYS Corporation

  IXFH7N80 Datasheet HTML 1Page - IXYS Corporation IXFH7N80 Datasheet HTML 2Page - IXYS Corporation IXFH7N80 Datasheet HTML 3Page - IXYS Corporation IXFH7N80 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4 - 4
© 2000 IXYS All rights reserved
IXFH 7N80
IXFM 7N80
Fig.7 Gate Charge Characteristic Curve
Fig.8 Forward Bias Safe Operating Area
Fig.9 Capacitance Curves
Fig.10 Source Current vs. Source
to Drain Voltage
Fig.11 Transient Thermal Impedance
V
DS - Volts
1
10
100
1000
0.1
1
10
Gate Charge - nCoulombs
0
1020304050607080
0
1
2
3
4
5
6
7
8
9
10
V
DS - Volts
0.00.2
0.40.6
0.81.0
1.21.4
0
1
2
3
4
5
6
7
8
9
V
CE - Volts
0
5
10
15
20
25
0
250
500
750
1000
1250
1500
1750
2000
2250
2500
2750
Time - Seconds
0.00001
0.0001
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
D=0.2
D=0.01
C
rss
C
oss
C
iss
V
DS = 500V
I
D = 3.5A
I
G = 10mA
Limited by R
DS(on)
10µs
100µs
1ms
10ms
100ms
f = 1MHz
V
DS = 25V
T
J = 25°C
T
J = 125°C
Single Pulse
D=0.5
D=0.02
D=0.05
D=0.1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com