Electronic Components Datasheet Search
  English  ▼

X  

2926331 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2926331
Description  FLKM-D50 SUB/S/LA
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2926331 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2926331 Datasheet HTML 1Page - PHOENIX CONTACT 2926331 Datasheet HTML 2Page - PHOENIX CONTACT 2926331 Datasheet HTML 3Page - PHOENIX CONTACT 2926331 Datasheet HTML 4Page - PHOENIX CONTACT 2926331 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FLKM-D50 SUB/S/LA Order No.: 2281665
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2281665
PHOENIX CONTACT Deutschland GmbH
Page 3 / 5
http://www.phoenixcontact.de
Feb 4, 2011
Accessories
Item
Designation
Description
Cable/conductor
2302421
CABLE D-SUB-B-B-S/.../.../...
Shielded round cable, assembled with two D-SUB female
connectors, variable cable length
2302340
CABLE D-SUB-S/.../.../...
Shielded round cable, assembled with one D-SUB male and one
female connector, variable cable length
2926292
CABLE-D-50SUB/F/OE/0,25/
S/0,5M
Shielded cable with a 50-pos. D-SUB female connector and one
open end. The individual wires are labeled 1 to 50 and fitted with
ferrules. The braided shield is routed to a separate cable end.
Cable length: 0.5 m.
2926302
CABLE-D-50SUB/F/OE/0,25/
S/1,0M
Shielded cable with a 50-pos. D-SUB female connector and one
open end. The individual wires are labeled 1 to 50 and fitted with
ferrules. The braided shield is routed to a separate cable end.
Cable length: 1 m.
2926315
CABLE-D-50SUB/F/OE/0,25/
S/1,5M
Shielded cable with a 50-pos. D-SUB female connector and one
open end. The individual wires are labeled 1 to 50 and fitted with
ferrules. The braided shield is routed to a separate cable end.
Cable length: 1.5 m.
2926328
CABLE-D-50SUB/F/OE/0,25/
S/2,0M
Shielded cable with a 50-pos. D-SUB female connector and one
open end. The individual wires are labeled 1 to 50 and fitted with
ferrules. The braided shield is routed to a separate cable end.
Cable length: 2 m.
2926331
CABLE-D-50SUB/F/OE/0,25/
S/3,0M
Shielded cable with a 50-pos. D-SUB female connector and one
open end. The individual wires are labeled 1 to 50 and fitted with
ferrules. The braided shield is routed to a separate cable end.
Cable length: 3 m.
2926344
CABLE-D-50SUB/F/OE/0,25/
S/4,0M
Shielded cable with a 50-pos. D-SUB female connector and one
open end. The individual wires are labeled 1 to 50 and fitted with
ferrules. The braided shield is routed to a separate cable end.
Cable length: 4 m.
2926357
CABLE-D-50SUB/F/OE/0,25/
S/6,0M
Shielded cable with a 50-pos. D-SUB female connector and one
open end. The individual wires are labeled 1 to 50 and fitted with
ferrules. The braided shield is routed to a separate cable end.
Cable length: 6 m.
2302269
CABLE-D50SUB/B/S/ 50/
KONFEK/S
Round shielded cable set, with 50-pos. D-SUB female and male
connectors, cable length: 0.5 m
2302272
CABLE-D50SUB/B/S/100/
KONFEK/S
Round shielded cable set, with 50-pos. D-SUB female and male
connectors, cable length: 1 m
2302285
CABLE-D50SUB/B/S/150/
KONFEK/S
Round shielded cable set, with 50-pos. D-SUB female and male
connectors, cable length: 1.5 m
2302298
CABLE-D50SUB/B/S/200/
KONFEK/S
Round shielded cable set, with 50-pos. D-SUB female and male
connectors, cable length: 2 m
2302308
CABLE-D50SUB/B/S/300/
KONFEK/S
Round shielded cable set, with 50-pos. D-SUB female and male
connectors, cable length: 3 m



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com