Electronic Components Datasheet Search
  English  ▼

X  

2926344 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2926344
Description  FLKM-D50 SUB/S/LA
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2926344 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2926344 Datasheet HTML 1Page - PHOENIX CONTACT 2926344 Datasheet HTML 2Page - PHOENIX CONTACT 2926344 Datasheet HTML 3Page - PHOENIX CONTACT 2926344 Datasheet HTML 4Page - PHOENIX CONTACT 2926344 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FLKM-D50 SUB/S/LA Order No.: 2281665
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2281665
PHOENIX CONTACT Deutschland GmbH
Page 2 / 5
http://www.phoenixcontact.de
Feb 4, 2011
Width
157.5 mm
Height
77 mm
Depth
58.5 mm
Status display
LED
Ambient temperature (operation)
-20 °C ... 45 °C
Ambient temperature (storage/transport)
-20 °C ... 70 °C
Test voltage
500 V (50 Hz, 1 min.)
Mounting position
Any
Standards/regulations
IEC 60664
DIN EN 50178
IEC 62103
Pollution degree
2
Surge voltage category
II
Connection data
Connection 1
PCB connection
Connection in acc. with standard
IEC / EN
Type of connection
Screw connection
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
4 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
2.5 mm²
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
12
Stripping length
8 mm
Screw thread
M3
Connection 2
D-SUB connection
Type of connection
Pluggable
Number of positions
50
Certificates / Approvals
Certification
GOST



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com