Electronic Components Datasheet Search
  English  ▼

X  

2926328 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 2926328
Description  FLKM-D50 SUB/S/ZFKDS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2926328 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  2926328 Datasheet HTML 1Page - PHOENIX CONTACT 2926328 Datasheet HTML 2Page - PHOENIX CONTACT 2926328 Datasheet HTML 3Page - PHOENIX CONTACT 2926328 Datasheet HTML 4Page - PHOENIX CONTACT 2926328 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FLKM-D50 SUB/S/ZFKDS Order No.: 2304021
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2304021
PHOENIX CONTACT Deutschland GmbH
Page 4 / 5
http://www.phoenixcontact.de
Feb 4, 2011
2302308
CABLE-D50SUB/B/S/300/
KONFEK/S
Round shielded cable set, with 50-pos. D-SUB female and male
connectors, cable length: 3 m
2302311
CABLE-D50SUB/B/S/400/
KONFEK/S
Round shielded cable set, with 50-pos. D-SUB female and male
connectors, cable length: 4 m
2302324
CABLE-D50SUB/B/S/600/
KONFEK/S
Round shielded cable set, with 50-pos. D-SUB female and male
connectors, cable length: 6 m
General
2900908
CABLE-D-50SUB-F-OE-0,25-
S/...
Shielded cable with a 50-pos. D-SUB female connector and one
open end. The individual wires are labeled 1 to 50 and fitted with
ferrules. The braided shield is routed to a separate cable end.
Cable length: variable.
Diagrams/Drawings
Circuit diagram



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com