Electronic Components Datasheet Search
  English  ▼

X  

2926331 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2926331
Description  FLKM-D50 SUB/S/MKKDS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2926331 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2926331 Datasheet HTML 1Page - PHOENIX CONTACT 2926331 Datasheet HTML 2Page - PHOENIX CONTACT 2926331 Datasheet HTML 3Page - PHOENIX CONTACT 2926331 Datasheet HTML 4Page - PHOENIX CONTACT 2926331 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 5
http://www.phoenixcontact.de
Feb 4, 2011
Extract from the online
catalog
 
FLKM-D50 SUB/S/MKKDS
Order No.: 2304584
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2304584
 
 
VARIOFACE module, with screw connection and D-Subminiature pin
strip, for mounting on NS 35/7.5 or NS 32, 50-pos.
 
Commercial data
GTIN (EAN)
4
017918
973803
sales group
I011
Pack
1 pcs.
Customs tariff
85369010
Catalog page information
Page 248 (IF-2007)
Product notes
WEEE/RoHS-compliant since:
10/14/2008
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General data
Nominal voltage UN
125 V AC/DC
Max. current carrying capacity per branch
2.5 A
1.5 A (with even load on all branches)
Max. total current of voltage supply
2.5 A (per contact)


Similar Part No. - 2926331

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2926331 PHOENIX-2926331 Datasheet
117Kb / 5P
UM 45-D50SUB/S/ZFKDS
2926331 PHOENIX-2926331 Datasheet
183Kb / 5P
FLKM-D50 SUB/S/LA
2926331 PHOENIX-2926331 Datasheet
124Kb / 5P
FLKM-D50 SUB/S/ZFKDS
More results

Similar Description - 2926331

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2291286 PHOENIX-2291286 Datasheet
101Kb / 6P
Interface module - DFLK-D50 SUB/S
2281157 PHOENIX-2281157 Datasheet
184Kb / 5P
FLKM-D50 SUB/S
2281225 PHOENIX-2281225 Datasheet
184Kb / 5P
FLKM-D50 SUB/B
2281665 PHOENIX-2281665 Datasheet
183Kb / 5P
FLKM-D50 SUB/S/LA
2281746 PHOENIX-2281746 Datasheet
121Kb / 4P
FLKMS-D50 SUB/S
2283647 PHOENIX-2283647 Datasheet
231Kb / 8P
Interface module - FLK-D50 SUB/S
2302997 PHOENIX-2302997 Datasheet
123Kb / 5P
FLKM-D15 SUB/S/ZFKDS
2304021 PHOENIX-2304021 Datasheet
124Kb / 5P
FLKM-D50 SUB/S/ZFKDS
2304076 PHOENIX-2304076 Datasheet
63Kb / 4P
Interface module - FLKM-D50 SUB/B/ZFKDS
2304597 PHOENIX-2304597 Datasheet
171Kb / 5P
FLKM-D50 SUB/B/MKKDS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com