Electronic Components Datasheet Search
  English  ▼

X  

2900913 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2900913
Description  FLKM-D50 SUB/B/MKKDS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2900913 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2900913 Datasheet HTML 1Page - PHOENIX CONTACT 2900913 Datasheet HTML 2Page - PHOENIX CONTACT 2900913 Datasheet HTML 3Page - PHOENIX CONTACT 2900913 Datasheet HTML 4Page - PHOENIX CONTACT 2900913 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 5
http://www.phoenixcontact.de
Feb 4, 2011
Extract from the online
catalog
 
FLKM-D50 SUB/B/MKKDS
Order No.: 2304597
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2304597
 
 
VARIOFACE module, with screw connection and D-Subminiature
socket strip, for mounting on NS 35/7.5 or NS 32, 50-pos.
 
Commercial data
GTIN (EAN)
4
017918
973810
sales group
I011
Pack
1 pcs.
Customs tariff
85369010
Catalog page information
Page 248 (IF-2007)
Product notes
WEEE/RoHS-compliant since:
05/07/2008
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General data
Nominal voltage UN
125 V AC/DC
Max. current carrying capacity per branch
2.5 A
1.5 A (with even load on all branches)
Max. total current of voltage supply
2.5 A (per contact)


Similar Part No. - 2900913

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2900913 PHOENIX-2900913 Datasheet
110Kb / 5P
UM 45-D50SUB/B/FRONT/Q
More results

Similar Description - 2900913

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2281157 PHOENIX-2281157 Datasheet
184Kb / 5P
FLKM-D50 SUB/S
2281199 PHOENIX-2281199 Datasheet
112Kb / 5P
FLKM-D15 SUB/B
2281209 PHOENIX-2281209 Datasheet
113Kb / 5P
FLKM-D25 SUB/B
2281212 PHOENIX-2281212 Datasheet
178Kb / 5P
FLKM-D37 SUB/B
2281225 PHOENIX-2281225 Datasheet
184Kb / 5P
FLKM-D50 SUB/B
2281665 PHOENIX-2281665 Datasheet
183Kb / 5P
FLKM-D50 SUB/S/LA
2283676 PHOENIX-2283676 Datasheet
234Kb / 8P
Interface module - FLK-D50 SUB/B
2304021 PHOENIX-2304021 Datasheet
124Kb / 5P
FLKM-D50 SUB/S/ZFKDS
2304076 PHOENIX-2304076 Datasheet
63Kb / 4P
Interface module - FLKM-D50 SUB/B/ZFKDS
2304584 PHOENIX-2304584 Datasheet
171Kb / 5P
FLKM-D50 SUB/S/MKKDS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com