Electronic Components Datasheet Search
  English  ▼

X  

1007665 Datasheet(PDF) 2 Page - Schneider Electric

Part # 1007665
Description  Meter socket, 200 A, 600 V, 1 PH, ringless, 4 jaws w/o release, horn, NEMA 3R, steel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

1007665 Datasheet(HTML) 2 Page - Schneider Electric

  1007665 Datasheet HTML 1Page - Schneider Electric 1007665 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Country of origin
US
Offer Sustainability
California proposition 65
WARNING: This product can expose you to chemicals including: Nickel (Metallic) and Toluene
which is known to the State of California to cause Carcinogen and Reproductive harm. For more
information go to www.p65warnings.ca.gov
EU RoHS Directive
Will be compliant – Date to be confirmed
Contractual warranty
Warranty
18 months
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com