Electronic Components Datasheet Search
  English  ▼

X  

MML25231HT1 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MML25231HT1
Description  Enhancement Mode pHEMT Technology (E--pHEMT)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MML25231HT1 Datasheet(HTML) 4 Page - NXP Semiconductors

  MML25231HT1 Datasheet HTML 1Page - NXP Semiconductors MML25231HT1 Datasheet HTML 2Page - NXP Semiconductors MML25231HT1 Datasheet HTML 3Page - NXP Semiconductors MML25231HT1 Datasheet HTML 4Page - NXP Semiconductors MML25231HT1 Datasheet HTML 5Page - NXP Semiconductors MML25231HT1 Datasheet HTML 6Page - NXP Semiconductors MML25231HT1 Datasheet HTML 7Page - NXP Semiconductors MML25231HT1 Datasheet HTML 8Page - NXP Semiconductors MML25231HT1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
RF Device Data
Freescale Semiconductor, Inc.
MML25231HT1
50 OHM APPLICATION CIRCUIT: 2500 MHz
Figure 3. MML25231HT1 Test Circuit Component Layout
DFN 2x2--8N
M56197
C6
C3
C4
C2
L1
L2
C1
R1
R2
C5
L3
RFOUT
RFIN
Rev. 0
NOTE: To achieve optimal noise performance, it is critical that proper biasing, input matching, supply
decoupling and grounding are employed.
PCB actual size: 0.75 0.86.
Table 9. MML25231HT1 Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
C1
82 pF Chip Capacitor
GRM1555C1H820JA01
Murata
C2
9 pF Chip Capacitor
GJM1555C1H9R0CB01
Murata
C3
10 pF Chip Capacitor
GJM1555C1H100JB01
Murata
C4
0.01 F Chip Capacitor
GRM155R71E103KA01
Murata
C5
1000 pF Chip Capacitor
GRM155R71H102KA01
Murata
C6
0.4 pF Chip Capacitor
04023U0R4BBW
AVX
L1
1.0 nH Chip Inductor
0402CS--1N0XJLW
Coilcraft
L2
68 nH Chip Inductor
0402HPH--68NXGL
Coilcraft
L3
40 nH Chip Inductor
0402HP--40NXGL
Coilcraft
R1
1800 , 1/4 W Chip Resistor
RK73B2ATTD182J
KOA
R2
0 , 1.5 A Chip Resistor
CR0402--J/--000GLFCT--ND
Bourns
PCB
Rogers RO4350B, 0.010, r =3.66
M56197
MTL
(Test Circuit Component Designations and Values repeated for reference.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com