Electronic Components Datasheet Search
  English  ▼

X  

MMZ09312B Datasheet(PDF) 14 Page - NXP Semiconductors

Part # MMZ09312B
Description  Heterojunction Bipolar Transistor Technology (InGaP HBT)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMZ09312B Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button MMZ09312B Datasheet HTML 10Page - NXP Semiconductors MMZ09312B Datasheet HTML 11Page - NXP Semiconductors MMZ09312B Datasheet HTML 12Page - NXP Semiconductors MMZ09312B Datasheet HTML 13Page - NXP Semiconductors MMZ09312B Datasheet HTML 14Page - NXP Semiconductors MMZ09312B Datasheet HTML 15Page - NXP Semiconductors MMZ09312B Datasheet HTML 16Page - NXP Semiconductors MMZ09312B Datasheet HTML 17Page - NXP Semiconductors MMZ09312B Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
14
RF Device Data
Freescale Semiconductor, Inc.
MMZ09312BT1
TYPICAL CHARACTERISTICS — CDMA IS--95, 900 MHz, 3.3 V
360
80
120
Figure 25. ACPR versus Collector Current
versus Output Power versus Temperature
Pout, OUTPUT POWER (dBm)
0
--6
--12
--48
20
--30
--18
--42
10
12
160
200
240
280
320
--36
--54
26
400
40
0
--24
14
16
18
24
22
--40C
25C
85C
--40C
25C
85C
ACPR
45
10
15
Figure 26. Power Gain versus Power Added
Efficiency versus Output Power versus Temperature
Pout, OUTPUT POWER (dBm)
32
30
28
16
20
22
26
18
10
12
20
25
30
35
40
20
14
26
50
5
0
24
14
16
18
24
22
--40C
25C
85C
--40C
25C
85C
34
Gain
PAE
Figure 27. P1dB versus Frequency versus
Temperature, CW
f, FREQUENCY (MHz)
28
26
24
18
22
700
16
20
760
--40C
25C
85C
30
820
880
1000
940
ICC
VCC1 =VCC2 =VBIAS =3.3 Vdc
--60
VCC1 =VCC2 =VBIAS =3.3 Vdc,f=900 MHz
Single--Carrier IS--95, 9 Channel Forward
750 kHz Measurement Offset
30 kHz Measurement Bandwidth
Figure 28. Power Detector versus Output Power
versus Temperature
Pout, OUTPUT POWER (dBm)
2.7
2.4
2.1
0.3
20
1.2
1.8
0.6
10
12
0.9
0
26
1.5
14
16
18
24
22
25C
85C
--40C
3
VCC1 =VCC2 =VBIAS =3.3 Vdc,f=900 MHz
Single--Carrier IS--95, 9 Channel Forward
750 kHz Measurement Offset
30 kHz Measurement Bandwidth
VCC1 =VCC2 =VBIAS =3.3 Vdc,f=900 MHz
Single--Carrier IS--95, 9 Channel Forward
750 kHz Measurement Offset
30 kHz Measurement Bandwidth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com