Electronic Components Datasheet Search
  English  ▼

X  

F830WB Datasheet(PDF) 2 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

Part # F830WB
Description  5A 500V N-channel Enhancement Mode Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WXDH [Jiangsu Donghai Semiconductor Technology Co.,Ltd]
Direct Link  http://www.jswxdh.cn
Logo WXDH - Jiangsu Donghai Semiconductor Technology Co.,Ltd

F830WB Datasheet(HTML) 2 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

  F830WB Datasheet HTML 1Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F830WB Datasheet HTML 2Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F830WB Datasheet HTML 3Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F830WB Datasheet HTML 4Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F830WB Datasheet HTML 5Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F830WB Datasheet HTML 6Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F830WB Datasheet HTML 7Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F830WB Datasheet HTML 8Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F830WB Datasheet HTML 9Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Jiangsu Donghai Semiconductor Technology CO.,LTD.
Rev. 1.0
Page 2 of 12
830WB/F830WB/I830WB/
E830WB/B830WB/D830WB
4.3 Electrical Characteristics(Tc=25℃,unless otherwise noted)
Parameter
Symbol
Test Condition
Value
Units
Min
Typ
Max
Off Characteristics
Drain-to-Source
Breakdown Voltage
BVDSS
ID=250μA,VGS=0V
500
--
--
V
Drain-to-Source Leakage
Current
IDSS
VDS=500V,VGS=0V,TC=25℃
--
--
1
μA
VDS=400V,VGS=0V,TC=125℃
--
--
100
μA
Gate-to-Source Leakage
Current
IGSS
VGS=±30V
--
--
±10
μA
On Characteristics
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250μA
2.0
--
4.0
V
Drain-to-Source on-state
Resistance
RDS(on)
VGS=10V,ID=2.5A
--
1.35
1.5
Ω
Forward Transfer
Conductance
gfs
VDS=15V,ID=2.5A
2.4
--
--
S
Dynamic Characteristics
Input Capacitance
Ciss
VGS=0V,VDS=25V,f=1.0MHz
--
560
--
pF
Output Capacitance
Coss
--
45
--
Reverse Transfer
Capacitance
Crss
--
17
--
Switching Characteristics
Turn-on Delay Time
td(on)
ID=5A,
VDD=250V,
RG=25Ω
--
14
--
nS
Turn-on Rise Time
tr
--
18
--
Turn-off Delay Time
td(off)
--
30
--
Turn-off Fall Time
tf
--
11
--
Total Gate Charge
Qg
ID=5A,VDD=400V,VGS=10V
--
12.8
--
nC
Gate-to-Source Charge
Qgs
--
3.2
--
Gate-to-Drain(“Miller”)
Charge
Qgd
--
4.8
--
Drain-Source Diode Characteristics
Diode Forward Voltage(3)
VFSD
VGS=0V,IS=5A
--
--
1.4
V
Diode Forward Current
IS
--
--
5
A
Reverse Recovery Time(3)
trr
TJ=25℃,IF=5A,
dIF/dt=100A/μS,VGS=0V
--
320
--
nS
Reverse Recovery
Charge(3)
Qrr
--
1500
--
nC
Notes:
1: Repetitive rating, pulse width limited by maximum junction temperature.
2: Surface mounted on FR4 Board, t≤10sec.
3: Pulse width ≤ 300μs, duty cycle ≤ 2%.
4: L=24mH,ID=5A,VDD=50V,VGATE=500V,Start TJ=25℃.
5. ISD=5.0A,di/dt≤100A/μs,VDD≤BVDSS, Start TJ=25℃.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com