Electronic Components Datasheet Search
  English  ▼

X  

EL2070CS Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL2070CS
Description  200MHz Current Feedback Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2070CS Datasheet(HTML) 1 Page - Intersil Corporation

  EL2070CS Datasheet HTML 1Page - Intersil Corporation EL2070CS Datasheet HTML 2Page - Intersil Corporation EL2070CS Datasheet HTML 3Page - Intersil Corporation EL2070CS Datasheet HTML 4Page - Intersil Corporation EL2070CS Datasheet HTML 5Page - Intersil Corporation EL2070CS Datasheet HTML 6Page - Intersil Corporation EL2070CS Datasheet HTML 7Page - Intersil Corporation EL2070CS Datasheet HTML 8Page - Intersil Corporation EL2070CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
®
FN7031
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
EL2070
200MHz Current Feedback Amplifier
The EL2070 is a wide bandwidth, fast
settling monolithic amplifier
incorporating a disable/enable feature.
Built using an advanced complementary bipolar process, this
amplifier uses current-mode feedback to achieve more
bandwidth at a given gain than conventional operational
amplifiers. Designed for closed-loop gains of ±1 to ±8, the
EL2070 has a 200MHz -3dB bandwidth (AV = +2), and 12ns
settling to 0.05% while consuming only 15mA of supply
current. Furthermore, the fast disable/enable times of
200ns/100ns allow rapid analog multiplexing.
The EL2070 is an obvious high-performance solution for
video distribution and line-driving applications, especially
when its disable feature can be used for fast analog
multiplexing. Furthermore, the low 15mA supply current, and
the very low 5mA of supply current when disabled suggest
use in systems where power is critical. With differential
gain/phase of 0.02%/0.01°, guaranteed video specifications,
and a minimum 50mA output drive, performance in these
areas is assured.
The EL2070’s settling to 0.05% in 12ns, low distortion, and
ability to drive capacitive loads make it an ideal flash A/D
driver. The wide 200MHz bandwidth and extremely linear
phase allow unmatched signal fidelity. D/A systems can also
benefit from the EL2070, especially if linearity and drive
levels are important.
Features
• 200MHz -3dB bandwidth, AV =2
• Disable/enable
• 12ns settling to 0.05%
•VS = ±5V @ 15mA
• Low distortion: HD2, HD3 @-60dBc at 20MHz
• Differential gain 0.02% at NTSC, PAL
• Differential phase 0.01° at NTSC, PAL
• Overload/short-circuit protected
• ±1 to ±8 closed-loop gain range
• Low cost
Applications
• Video gain block
• Video distribution
• HDTV amplifier
• Analog multiplexing (using disable)
• Power-down mode (using disable)
• High-speed A/D conversion
• D/A I-V conversion
• Photodiode, CCD preamps
• IF processors
• High-speed communications
Pinout
EL2070
(8-PIN SO, PDIP)
TOP VIEW
Manufactured under U.S. Patent No. 4,893,091
Ordering Information
PART
NUMBER
TEMP.
RANGE
PACKAGE
PKG. NO.
EL2070CN
-40°C to +85°C
8-Pin PDIP
MDP0031
EL2070CS
-40°C to +85°C
8-Pin SO
MDP0027
Data Sheet
September 26, 2001
OBS
OLE
TE P
ROD
UCT
NO R
ECO
MME
NDE
D RE
PLA
CEM
ENT
cont
act o
ur Te
chni
cal S
uppo
rt Ce
nter
at
1-88
8-INT
ERS
IL or
www
.inte
rsil.c
om/t
sc


Similar Part No. - EL2070CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2070CS ELANTEC-EL2070CS Datasheet
467Kb / 14P
200MHz Current Feedback Amplifier
More results

Similar Description - EL2070CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2070C ELANTEC-EL2070C Datasheet
467Kb / 14P
200MHz Current Feedback Amplifier
EL2160C ELANTEC-EL2160C Datasheet
566Kb / 18P
180MHz Current Feedback Amplifier
EL400C ELANTEC-EL400C Datasheet
427Kb / 11P
200MHz Current Feedback Amplifier
logo
Intersil Corporation
EL5160 INTERSIL-EL5160 Datasheet
941Kb / 15P
200MHz Low-Power Current Feedback Amplifiers
September 8, 2005
EL400 INTERSIL-EL400 Datasheet
259Kb / 9P
200MHz Current Feedback Amplifier
September 20, 2002
EL5160 INTERSIL-EL5160_07 Datasheet
538Kb / 17P
200MHz Low-Power Current Feedback Amplifiers
logo
Analog Devices
AD8001 AD-AD8001_17 Datasheet
329Kb / 17P
Current Feedback Amplifier
23-Feb-2017
AD8004 AD-AD8004_17 Datasheet
449Kb / 17P
Current Feedback Amplifier
24-Feb-2017
logo
Renesas Technology Corp
EL5160 RENESAS-EL5160 Datasheet
1Mb / 17P
200MHz Low-Power Current Feedback Amplifiers
EL400 RENESAS-EL400 Datasheet
725Kb / 9P
200MHz Current Feedback Amplifier
Sep 20, 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com