Electronic Components Datasheet Search
  English  ▼

X  

EL2171CS Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL2171CS
Description  150MHz Current Feedback Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2171CS Datasheet(HTML) 2 Page - Intersil Corporation

  EL2171CS Datasheet HTML 1Page - Intersil Corporation EL2171CS Datasheet HTML 2Page - Intersil Corporation EL2171CS Datasheet HTML 3Page - Intersil Corporation EL2171CS Datasheet HTML 4Page - Intersil Corporation EL2171CS Datasheet HTML 5Page - Intersil Corporation EL2171CS Datasheet HTML 6Page - Intersil Corporation EL2171CS Datasheet HTML 7Page - Intersil Corporation EL2171CS Datasheet HTML 8Page - Intersil Corporation EL2171CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage (VS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±7V
(Output Current Output is short-circuit protected to ground, however,maximum
reliability is obtained if IOUT does not exceed 70mA.)
Common Mode Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . ±VS
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5V
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Operating Junction Temperature
Ceramic Packages. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 175°C
Plastic Packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -60°C to +150°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Open-Loop DC Electrical Specifications
VS = ±5V, RL = 100Ω, unless otherwise specified
PARAMETER
DESCRIPTION
TEST CONDITIONS
TEMP
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
25°C
3
6
mV
TMIN, TMAX
10
mV
TC VOS
Average Offset
Voltage Drift
(Note 1)
All
20
50
µV/°C
+IIN
+Input Current
25°C, TMAX
10
20
µA
TMIN
36
µA
TC (+IIN)
Average +Input
Current Drift
(Note 1)
All
100
200
nA/°C
-IIN
-Input Current
25°C
10
30
µA
TMIN
46
µA
TMAX
40
µA
TC (-IIN)
Average -Input
Current Drift
(Note 1)
All
100
200
nA/°C
PSRR
Power Supply
Rejection Ratio
(Note 2)
All
50
55
dB
CMRR
Common-Mode
Rejection Ratio
All
40
50
dB
IS
Supply Current—Quiescent
No Load
All
15
21
mA
ISOFF
Supply Current—Disabled
EL2071 (Note 3)
All
1.5
3.0
mA
+RIN
+Input Resistance
25°C, TMAX
100
200
k
Ω
TMIN
50
k
Ω
CIN
Input Capacitance
All
0.5
2.5
pF
ROUT
Output Resistance (DC)
All
0.2
0.3
Ω
ROUTD
Output Resistance (DC)
EL2071
Disabled
All
100
200
k
Ω
COUTD
Output Capacitance (DC)
EL2071
Disabled
All
0.5
2.0
pF
CMIR
Common-Mode Input
Range
(Note 4)
25°C, TMAX
±2.5
±2.8
V
TMIN
±2
V
IOUT
Output Current
25°C, TMAX
50
70
mA
TMIN
35
mA
VOUT
Output Voltage Swing
No Load
25°C, TMAX
3.2
3.5
V
TMIN
3V
EL2071, EL2171



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com