Electronic Components Datasheet Search
  English  ▼

X  

EL2071CS Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL2071CS
Description  150MHz Current Feedback Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2071CS Datasheet(HTML) 5 Page - Intersil Corporation

  EL2071CS Datasheet HTML 1Page - Intersil Corporation EL2071CS Datasheet HTML 2Page - Intersil Corporation EL2071CS Datasheet HTML 3Page - Intersil Corporation EL2071CS Datasheet HTML 4Page - Intersil Corporation EL2071CS Datasheet HTML 5Page - Intersil Corporation EL2071CS Datasheet HTML 6Page - Intersil Corporation EL2071CS Datasheet HTML 7Page - Intersil Corporation EL2071CS Datasheet HTML 8Page - Intersil Corporation EL2071CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Typical Performance Curves
Non-Inverting
Frequency Response
Inverting Frequency
Response
Frequency Response for
Various RLs
Equivalent Input Noise
Frequency Response,
AV = -1, RF = 2.5kΩ
Single Power Supply
Rejection Ratio
Common Mode
Rejection Ratio (AV = +20)
Recommended RS vs
Load Capacitance
Open-Loop Transimpedance
Gain and Phase
EL2071, EL2171



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com