Electronic Components Datasheet Search
  English  ▼

X  

SA602A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA602A
Description  Double-balanced mixer and oscillator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA602A Datasheet(HTML) 2 Page - NXP Semiconductors

  SA602A Datasheet HTML 1Page - NXP Semiconductors SA602A Datasheet HTML 2Page - NXP Semiconductors SA602A Datasheet HTML 3Page - NXP Semiconductors SA602A Datasheet HTML 4Page - NXP Semiconductors SA602A Datasheet HTML 5Page - NXP Semiconductors SA602A Datasheet HTML 6Page - NXP Semiconductors SA602A Datasheet HTML 7Page - NXP Semiconductors SA602A Datasheet HTML 8Page - NXP Semiconductors SA602A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
SA602A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 3 — 27 May 2014
2 of 19
NXP Semiconductors
SA602A
Double-balanced mixer and oscillator
4.
Ordering information
4.1 Ordering options
5.
Block diagram
Table 1.
Ordering information
Type number
Package
Name
Description
Version
SA602AD/01
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
Table 2.
Ordering options
Type number
Orderable
part number
Package
Packing method
Minimum
order
quantity
Temperature
SA602AD/01
SA602AD/01,112
SO8
Standard marking
* IC’s tube - DSC bulk pack
2000
Tamb = 40 C to +85 C
SA602AD/01,118
SO8
Reel 13” Q1/T1
Standard mark SMD
2500
Tamb = 40 C to +85 C
Fig 1.
Block diagram
aaa-013202
87
6
1234
OSCILLATOR
EB
VOLTAGE
REGULATOR
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com