Electronic Components Datasheet Search
  English  ▼

X  

SA602AD Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SA602AD
Description  Double-balanced mixer and oscillator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA602AD Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SA602AD Datasheet HTML 4Page - NXP Semiconductors SA602AD Datasheet HTML 5Page - NXP Semiconductors SA602AD Datasheet HTML 6Page - NXP Semiconductors SA602AD Datasheet HTML 7Page - NXP Semiconductors SA602AD Datasheet HTML 8Page - NXP Semiconductors SA602AD Datasheet HTML 9Page - NXP Semiconductors SA602AD Datasheet HTML 10Page - NXP Semiconductors SA602AD Datasheet HTML 11Page - NXP Semiconductors SA602AD Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
SA602A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 3 — 27 May 2014
8 of 19
NXP Semiconductors
SA602A
Double-balanced mixer and oscillator
9.
Limiting values
10. Thermal characteristics
11. Static characteristics
12. Dynamic characteristics
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
-
9
V
Tstg
storage temperature
65
+150
C
Tamb
ambient temperature
operating
40
+85
C
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
Zth(j-a)
transient thermal impedance
from junction to ambient
-90
C/W
Table 6.
Static characteristics
VCC =+6V; Tamb =25 C; unless specified otherwise.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
4.5
-
8.0
V
ICC
supply current
-
2.4
2.8
mA
Table 7.
Dynamic characteristics
Tamb =25 C; VCC = +6 V; unless specified otherwise.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fi
input frequency
-
500
-
MHz
fosc
oscillator frequency
-
200
-
MHz
NF
noise figure
at 45 MHz
-
5.0
5.5
dB
IP3i
input third-order
intercept point
RF input =
45 dBm;
RF1 = 45.0 MHz;
RF2=45.06MHz
-
13
15
dBm
Gconv
conversion gain
at 45 MHz
14
17
-
dB
Ri(RF)
RF input resistance
1.5
-
-
k
Ci(RF)
RF input capacitance
-
3
3.5
pF
Ro(mix)
mixer output resistance
OUT_A, OUT_B pins
-
1.5
-
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com