Electronic Components Datasheet Search
  English  ▼

X  

SA605 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SA605
Description  High performance low power mixer FM IF system
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA605 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SA605 Datasheet HTML 5Page - NXP Semiconductors SA605 Datasheet HTML 6Page - NXP Semiconductors SA605 Datasheet HTML 7Page - NXP Semiconductors SA605 Datasheet HTML 8Page - NXP Semiconductors SA605 Datasheet HTML 9Page - NXP Semiconductors SA605 Datasheet HTML 10Page - NXP Semiconductors SA605 Datasheet HTML 11Page - NXP Semiconductors SA605 Datasheet HTML 12Page - NXP Semiconductors SA605 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
SA605
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 14 November 2014
9 of 25
NXP Semiconductors
SA605
High performance low power mixer FM IF system
11. Application information
The layout is very critical in the performance of the receiver. We highly recommend our demo
board layout.
All of the inductors, the quad tank, and their shield must be grounded. A 10
F to 15 F or higher
value tantalum capacitor on the supply line is essential. A low frequency ESR screening test on this
capacitor ensures consistent good sensitivity in production. A 0.1
F bypass capacitor on the
supply pin, and grounded near the 44.545 MHz oscillator improves sensitivity by 2 dB to 3 dB.
(1) R5 can be used to bias the oscillator transistor at a higher current for operation above 45 MHz.
Recommended value is 22 k
, but should not be below 10 k.
Fig 4.
SA605 45 MHz application circuit
aaa-012965
mixer
IF amp
limiter
OSCILLATOR
RSSI
quad
detector
20
19
18
17
16
15
14
13
12
11
1
2
34
5
6789
10
mute
switch
700 Ω
C23
C21
FL1
FL2
R17
5.1 kΩ
C18 C17
C15
C5
L1
C1
C2
45 MHz
input
C7
L2
X1
C6
C8
R5(1)
C9
C10
C25
C11
C12
C13
R9
R10
R11
C14
C26
C3
C24
L3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com