Electronic Components Datasheet Search
  English  ▼

X  

HC5503PRI Datasheet(PDF) 2 Page - Intersil Corporation

Part # HC5503PRI
Description  Low Cost SLIC For Large Telecom Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5503PRI Datasheet(HTML) 2 Page - Intersil Corporation

  HC5503PRI Datasheet HTML 1Page - Intersil Corporation HC5503PRI Datasheet HTML 2Page - Intersil Corporation HC5503PRI Datasheet HTML 3Page - Intersil Corporation HC5503PRI Datasheet HTML 4Page - Intersil Corporation HC5503PRI Datasheet HTML 5Page - Intersil Corporation HC5503PRI Datasheet HTML 6Page - Intersil Corporation HC5503PRI Datasheet HTML 7Page - Intersil Corporation HC5503PRI Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
FN6101.0
Absolute Maximum Ratings
Thermal Information
Maximum Continuous Supply Voltages
(VB-) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -60 to 0.5V
(VB+) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 to 7V
(VB+ - VB-) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .75V
Relay Drive Voltage (VRD). . . . . . . . . . . . . . . . . . . . . . . . -0.5 to 15V
Operating Conditions
Operating Temperature Range . . . . . . . . . . . . . . . . . .-40°C to 85°C
Relay Driver Voltage (VRD) . . . . . . . . . . . . . . . . . . . . . . . . 5V to 12V
Positive Supply Voltage (VB+) . . . . . . . . . . . . . . . . . . 4.75V to 5.25V
Negative Supply Voltage (VB-). . . . . . . . . . . . . . . . . . . .-40V to -58V
High Level Logic Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . 2.4V
Low Level Logic Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . 0.6V
Subscriber Loop Resistance . . . . . . . . . . . . . . . . . . . 200
Ω - 1800Ω
Thermal Resistance (Typical, Note 2
θJA (°C/W)
24 Lead SOIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
75
Maximum Junction Temperature Plastic . . . . . . . . . . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
(SOIC - Lead Tips Only)
Die Characteristics
Transistor Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 185
Diode Count. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
Die Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 137 x 102
Substrate Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Connected
Process . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Bipolar-DI
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Absolute maximum ratings are limiting values, applied individually, beyond which the serviceability of the circuit may be impaired. Functional
operability under any of these conditions is not necessarily implied.
2.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
Unless Otherwise Specified, VB- = -48V, VB+ = 5V, AG = BG = DG = 0V, RP = 50Ω, RS = 100Ω, Typical
Parameters. TA = 25°C. Min-Max Parameters are Over Operating Temperature Range
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
On Hook Power Dissipation
ILONG = 0 (Notes 3,4)
-
113
-
mW
Off Hook Power Dissipation
RL = 600Ω, ILONG = 0 (Notes 3, 4)
-
750
-
mW
On Hook IB+RL = ∞, ILONG = 0
-
1.4
-
mA
Off Hook IB+RL = 600Ω, ILONG = 0
-
2.8
-
mA
On Hook IB-RL = ∞, ILONG = 0
-
2.2
-
mA
Off Hook IB-RL = 600Ω, ILONG = 0
-
31
-
mA
Off Hook Loop Current
RL = 1800Ω (ILOOP = 0)
18
-
-
mA
Off Hook Loop Current
RL = 200Ω, ILONG = 0 (Note 3)
25
30
35
mA
Fault Currents
TIP to Ground
-27
-
mA
RING to Ground
-55
-
mA
TIP to RING
-30
-
mA
TIP and RING to Ground
-69
-
mA
Ring Relay Drive VOL
IOL = 62mA
-
0.2
0.5
V
Ring Relay Driver Off Leakage
VRD = 12V, RC = 1 = HIGH, TA = 25°C
-
-
100
µA
DC Ring Trip Threshold
6.5
10
13.5
mA
Switch Hook Detection Threshold
5.0
7.5
10
mA
Loop Current During Power Denial
RL = 200Ω
-3.2
-
mA
Dial Pulse Distortion
(Note 4)
0
-
0.5
ms
Receive Input Impedance
(Note 4)
-
110
-
k
Ω
Transmit Output Impedance
(Note 4)
-
10
20
Ω
HC5503PRI



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com