Electronic Components Datasheet Search
  English  ▼

X  

1PL45 Datasheet(PDF) 1 Page - Hubbell Incorporated.

Part # 1PL45
Description  UV Rated Black UNITAP?? 5, #14 - 4, Range-taking capability reduces the number of connectors carried in inventory.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

1PL45 Datasheet(HTML) 1 Page - Hubbell Incorporated.

  1PL45 Datasheet HTML 1Page - Hubbell Incorporated. 1PL45 Datasheet HTML 2Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Details
General
Hex Key
1/8
Installation Torque Recommended in-lb
45 in-lb
Insulation
Y
Insulation Type
Plastisol
Material
Aluminum
Material - Hardware
Aluminum
Number Of Ports
5
Physical Attribute - Number of Screws
5
Physical Attribute - Screw Type
Allen
Plated
N
Plating Type
Unplated
Temperature Rating
194° F
Trade Name
UNITAP™
UPC
781810286999
UPC 12 Digit
7818102869999
Dimensions
Dimension - Height fraction
1.25 in
Dimension - Height inch
1.25 in
Dimension - L Length Overall mm
61 mm
Dimension - Length Overall inch
2.39 in
Dimension - Screw Size inch
1/4
Dimension - Width inch
1.25 in
Dimension - Width mm
32 mm
Electrical Ratings
Rating - Minimum Voltage
600
Conductor Related
Conductor - AL Str Size
14 AWG;12 AWG;10 AWG;9 AWG;8 AWG;7 AWG;6 AWG;5 AWG;4 AWG
Conductor - AL Str Size Range
14 AWG-4 AWG
Conductor - Copper Str Size
14 AWG;12 AWG;10 AWG;9 AWG;8 AWG;7 AWG;6 AWG;5 AWG;4 AWG
Conductor - Copper Str Size Range
14 AWG-4 AWG
Conductor Type
AL C Str-Size
CU C Str-Size
Certifications and Compliance
Certification - CSA Approved
No
Certification - ETL
No
Certification - UL Listed Direct Burial
No
Certification - UL Recognized
No
Certification - cULus
No
Standards - RoHS Compliance Status
CM
UL Listed
Yes
Logistics
Minimum Pack Quantity
1
For further technical assistance, please contact us
BURNDY Headquarters
47 East Industrial Park Drive
Manchester, New Hampshire 03109
Customer Service Hours:
8 AM - 8 PM Eastern Monday-Friday
Emergency Service 24-hours/365 Days
Phone: 1-800-346-4175
1-603-647-5299 (International)
1PL45
by Burndy
Catalog ID: 1PL45
Prop 65 Notice
UV Rated Black UNITAP™, 5, #14 - 4, Range-taking capability reduces the
number of connectors carried in inventory.


Similar Part No. - 1PL45

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
1PL42 HUBBELL-1PL42 Datasheet
266Kb / 2P
UV Rated UNITAP ,#14 - 4.
1PL43 HUBBELL-1PL43 Datasheet
268Kb / 2P
UV Rated Black Unitap, 3, #14 - 4, 1.59 in L, 1.25 in W, Range-taking capability reduces the number of connectors carried in inventory.
1PL44 HUBBELL-1PL44 Datasheet
263Kb / 2P
UV Rated Black Unitap, 4, #14 - 4, 2.03 in L, 1.25 in W, Range-taking capability reduces the number of connectors carried in inventory.
1PL46 HUBBELL-1PL46 Datasheet
262Kb / 2P
UV Rated Black UNITAP?? 6, #14 - 4, Range-taking capability reduces the number of connectors carried in inventory.
1PL48 HUBBELL-1PL48 Datasheet
262Kb / 2P
UV Rated Black UNITAP?? 8, #14 - 4, Range-taking capability reduces the number of connectors carried in inventory.
More results

Similar Description - 1PL45

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
1PBS750HD HUBBELL-1PBS750HD Datasheet
269Kb / 2P
UV Rated Black UNITAP
1PL42 HUBBELL-1PL42 Datasheet
266Kb / 2P
UV Rated UNITAP ,#14 - 4.
1PL43 HUBBELL-1PL43 Datasheet
268Kb / 2P
UV Rated Black Unitap, 3, #14 - 4, 1.59 in L, 1.25 in W, Range-taking capability reduces the number of connectors carried in inventory.
1PL44 HUBBELL-1PL44 Datasheet
263Kb / 2P
UV Rated Black Unitap, 4, #14 - 4, 2.03 in L, 1.25 in W, Range-taking capability reduces the number of connectors carried in inventory.
1PL46 HUBBELL-1PL46 Datasheet
262Kb / 2P
UV Rated Black UNITAP?? 6, #14 - 4, Range-taking capability reduces the number of connectors carried in inventory.
1PL48 HUBBELL-1PL48 Datasheet
262Kb / 2P
UV Rated Black UNITAP?? 8, #14 - 4, Range-taking capability reduces the number of connectors carried in inventory.
1PLD7503HD HUBBELL-1PLD7503HD Datasheet
264Kb / 1P
UV Rated Black UNITAP
1PLD7504HD HUBBELL-1PLD7504HD Datasheet
266Kb / 1P
UV Rated Black UNITAP
1PLD7505HD HUBBELL-1PLD7505HD Datasheet
266Kb / 1P
UV Rated Black UNITAP
1PLD7508HD HUBBELL-1PLD7508HD Datasheet
274Kb / 1P
UV Rated Black UNITAP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com