Electronic Components Datasheet Search
  English  ▼

X  

1PL203 Datasheet(PDF) 2 Page - Hubbell Incorporated.

Part # 1PL203
Description  UV Black Covered Distribution Connectors, #14-2/0, 2.19 in L, 1.31 in W.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

1PL203 Datasheet(HTML) 2 Page - Hubbell Incorporated.

  1PL203 Datasheet HTML 1Page - Hubbell Incorporated. 1PL203 Datasheet HTML 2Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Details
General
Application
For Indoor Use Only, Copper Or Stranded Aluminum
Hex Key
3/16
Installation Torque Recommended in-lb
120 in-lb
Insulation
Y
Insulation Type
Plastisol
Material
Aluminum
Material - Hardware
Aluminum
Number Of Ports
3
Physical Attribute - Number of Screws
3
Plated
N
Plating Type
Unplated
Sub Brand
UNITAP
Temperature Rating
194° F
Trade Name
UNITAP™
Type
BIBS, Multi-Port
UPC
781810286845
UPC 12 Digit
7818102868455
Dimensions
Dimension - Height fraction
1.375 in
Dimension - Height inch
1.38 in
Dimension - L Length Overall mm
56 mm
Dimension - Length Overall inch
2.19 in
Dimension - Screw Size inch
7/16
Dimension - Width fraction
1-31/100 in
Dimension - Width inch
1.31 in
Dimension - Width mm
33 mm
Electrical Ratings
Rating - Minimum Voltage
600
Conductor Related
Conductor - AL Str Size
14 AWG;12 AWG;10 AWG;9 AWG;8 AWG;7 AWG;6 AWG;5 AWG;4 AWG;3
AWG;2 AWG;1 AWG;1/0 ;2/0 AWG
Conductor - AL Str Size Range
14 AWG-2/0 AWG
Conductor - Copper Str Size
14 AWG;12 AWG;10 AWG;9 AWG;8 AWG;7 AWG;6 AWG;5 AWG;4 AWG;3
AWG;2 AWG;1 AWG;1/0 ;2/0 AWG
Conductor - Copper Str Size Range
14 AWG-2/0 AWG
Conductor Type
AL C Str-Size
CU C Str-Size
Certifications and Compliance
Certification - CSA Approved
No
Certification - ETL
No
Certification - UL Listed Direct Burial
No
Certification - UL Recognized
No
Certification - cULus
No
Standards - RoHS Compliance Status
CM
UL Listed
Yes
Logistics
Minimum Pack Quantity
1
For further technical assistance, please contact us
BURNDY Headquarters
47 East Industrial Park Drive
Manchester, New Hampshire 03109
Customer Service Hours:
8 AM - 8 PM Eastern Monday-Friday
Emergency Service 24-hours/365 Days
Phone: 1-800-346-4175
1-603-647-5299 (International)
1PL2/03
by Burndy
Catalog ID: 1PL2/03
Prop 65 Notice
UV Black Covered Distribution Connectors, #14-2/0, 2.19 in L, 1.31 in W.
Features: UV Rated Plastisol Covered AL6061-T6 Aluminum Body Saves
Time By Eliminating The Need For Taping, Oxide Inhibitor Pre-Installed
Inhibits Moisture And Contaminants From Entering The Contact Area,
Range-Taking Capability Reduces The Number Of Connectors Carried In
Inventory, UL486B Listed, AL9CU, 600 V 90 DEG C, UNITAP Rated For
Code Conductor Only, Hex Size (key): 3/16 IN, Conductor Size (run -
Range): 14 - 2/0 AWG, Torque: 120 IN-LB, Type Of Insulation: UV Rated
Plastisol, Number Of Ports: 3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com