Electronic Components Datasheet Search
  English  ▼

X  

1PL2505 Datasheet(PDF) 1 Page - Hubbell Incorporated.

Part # 1PL2505
Description  UV Rated Plastisol Covered Al Distribution Connectors, 1-Sided Entry, 5 Ports, #10 AWG- 250 Kcmil, 600 V, 5/16" Hex
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

1PL2505 Datasheet(HTML) 1 Page - Hubbell Incorporated.

  1PL2505 Datasheet HTML 1Page - Hubbell Incorporated. 1PL2505 Datasheet HTML 2Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Details
General
Hex Key
5/16
Installation Torque Recommended in-lb
275 in-lb
Insulation
Y
Insulation Type
Plastisol
Material
Aluminum
Material - Hardware
Aluminum
Number Of Ports
5
Physical Attribute - Number of Screws
5
Physical Attribute - Screw Type
Allen
Plated
N
Plating Type
Unplated
Temperature Rating
194° F
Trade Name
UNITAP™
UPC
781810286821
UPC 12 Digit
7818102868211
Dimensions
Dimension - Height fraction
2-1/8 in
Dimension - Height inch
2.13 in
Dimension - L Length Overall mm
123 mm
Dimension - Length Overall inch
4.84 in
Dimension - Screw Size inch
5/8
Dimension - Width inch
2.07 in
Dimension - Width mm
53 mm
Electrical Ratings
Rating - Minimum Voltage
600
Conductor Related
Conductor - AL Str Size
10 AWG;9 AWG;8 AWG;7 AWG;6 AWG;5 AWG;4 AWG;3 AWG;2 AWG;1
AWG;1/0 ;2/0 AWG;3/0 AWG;4/0 AWG;250 kcmil
Conductor - AL Str Size Range
10 AWG-250 kcmil
Conductor - Copper Str Size
10 AWG;9 AWG;8 AWG;7 AWG;6 AWG;5 AWG;4 AWG;3 AWG;2 AWG;1
AWG;1/0 ;2/0 AWG;3/0 AWG;4/0 AWG;250 kcmil
Conductor - Copper Str Size Range
10 AWG-250 kcmil
Conductor Type
AL C Str-Size
CU C Str-Size
Certifications and Compliance
Certification - CSA Approved
No
Certification - ETL
No
Certification - UL Listed Direct Burial
No
Certification - UL Recognized
No
Certification - cULus
No
Standards - RoHS Compliance Status
CM
UL Listed
Yes
Logistics
Minimum Pack Quantity
5
For further technical assistance, please contact us
BURNDY Headquarters
47 East Industrial Park Drive
Manchester, New Hampshire 03109
Customer Service Hours:
8 AM - 8 PM Eastern Monday-Friday
Emergency Service 24-hours/365 Days
Phone: 1-800-346-4175
1-603-647-5299 (International)
1PL2505
by Burndy
Catalog ID: 1PL2505
Prop 65 Notice
UV Rated Plastisol Covered Al Distribution Connectors, 1-Sided Entry, 5
Ports, #10 AWG- 250 Kcmil, 600 V, 5/16" Hex


Similar Part No. - 1PL2505

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
1PL2502 HUBBELL-1PL2502 Datasheet
264Kb / 2P
Aluminum Multiple Tap Connector, UV Rated, 2 Port, 1 Sided Entry, 10 AWG-250 kcmil.
1PL2503 HUBBELL-1PL2503 Datasheet
269Kb / 2P
UV Black Covered Distribution Connectors, #10-250, 2.97 in L, 2.07 in W.
1PL2504 HUBBELL-1PL2504 Datasheet
264Kb / 2P
UV Rated Plastisol Covered Al Distribution Connectors, 1-Sided Entry, 4 Ports, #10 AWG- 250 Kcmil, 600 V, 5/16" Hex.
1PL2506 HUBBELL-1PL2506 Datasheet
263Kb / 2P
UV Rated Plastisol Covered Al Distribution Connectors, 1-Sided Entry, 6 Ports, #10 AWG- 250 Kcmil, 600 V, 5/16" Hex
1PL2508 HUBBELL-1PL2508 Datasheet
262Kb / 2P
UV Rated Plastisol Covered Al Distribution Connectors, 1-Sided Entry, 8 Ports, #10 AWG- 250 Kcmil, 600 V, 5/16" Hex
More results

Similar Description - 1PL2505

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
1PL2504 HUBBELL-1PL2504 Datasheet
264Kb / 2P
UV Rated Plastisol Covered Al Distribution Connectors, 1-Sided Entry, 4 Ports, #10 AWG- 250 Kcmil, 600 V, 5/16" Hex.
1PL2506 HUBBELL-1PL2506 Datasheet
263Kb / 2P
UV Rated Plastisol Covered Al Distribution Connectors, 1-Sided Entry, 6 Ports, #10 AWG- 250 Kcmil, 600 V, 5/16" Hex
1PL2508 HUBBELL-1PL2508 Datasheet
262Kb / 2P
UV Rated Plastisol Covered Al Distribution Connectors, 1-Sided Entry, 8 Ports, #10 AWG- 250 Kcmil, 600 V, 5/16" Hex
1PL3503 HUBBELL-1PL3503 Datasheet
268Kb / 2P
UV Rated Plastisol Covered Al Distribution Connectors, 1-Sided Entry, 3 Ports, #10 AWG- 350 Kcmil, 600 V, 5/16" Hex
1PL3504 HUBBELL-1PL3504 Datasheet
263Kb / 2P
UV Rated Plastisol Covered Al Distribution Connectors, 1-Sided Entry, 4 Ports, #10 AWG- 350 Kcmil, 600 V, 5/16" Hex
1PL3505 HUBBELL-1PL3505 Datasheet
262Kb / 2P
UV Rated Plastisol Covered Al Distribution Connectors, 1-Sided Entry, 5 Ports, #10 AWG- 350 Kcmil, 600 V, 5/16" Hex
1PL3506 HUBBELL-1PL3506 Datasheet
263Kb / 2P
UV Rated Plastisol Covered Al Distribution Connectors, 1-Sided Entry, 6 Ports, #10 AWG- 350 Kcmil, 600 V, 5/16" Hex
1PL3508 HUBBELL-1PL3508 Datasheet
263Kb / 2P
UV Rated Plastisol Covered Al Distribution Connectors, 1-Sided Entry, 8 Ports, #10 AWG- 350 Kcmil, 600 V, 5/16" Hex
1PLD2505 HUBBELL-1PLD2505 Datasheet
265Kb / 2P
UV Black Plastisol Covered Al Distribution Connectors, Double Sided Entry, 5 Ports, #10 AWG- 250 Kcmil, 600 V, 5/16" Hex
1PLD2506 HUBBELL-1PLD2506 Datasheet
265Kb / 2P
UV Black Plastisol Covered Al Distribution Connectors, Double Sided Entry, 6 Ports, #10 AWG- 250 Kcmil, 600 V, 5/16" Hex
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com