Electronic Components Datasheet Search
  English  ▼

X  

1PLD44 Datasheet(PDF) 1 Page - Hubbell Incorporated.

Part # 1PLD44
Description  Al Multi-Port Distribution Tap Connectors, UV Black Plastisol Covered, 4 Ports, Double Sided Entry, #14-4 AWG, 600 V.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

1PLD44 Datasheet(HTML) 1 Page - Hubbell Incorporated.

  1PLD44 Datasheet HTML 1Page - Hubbell Incorporated. 1PLD44 Datasheet HTML 2Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Details
General
Hex Key
1/8
Installation Torque Recommended in-lb
45 LBS/in
Insulation
Y
Insulation Type
Plastisol
Material
Aluminum
Material - Hardware
Aluminum
Number Of Ports
4
Physical Attribute - Number of Screws
4
Physical Attribute - Screw Type
Allen
Plated
N
Plating Type
Unplated
Temperature Rating
194
Trade Name
UNITAP™
UPC
781810294840
UPC 12 Digit
7818102948400
Dimensions
Dimension - Height fraction
1.25 in
Dimension - Height inch
1.25 in
Dimension - L Length Overall mm
50 mm
Dimension - Length Overall inch
1.95 in
Dimension - Width fraction
1-1/2 in
Dimension - Width inch
1.50 in
Dimension - Width mm
38 mm
Electrical Ratings
Rating - Minimum Voltage
600
Conductor Related
Conductor - AL Str Size
8 AWG;6 AWG;4 AWG
Conductor - AL Str Size Range
8 AWG-4 AWG
Conductor - Copper Str Size
14 AWG;12 AWG;10 AWG;9 AWG;8 AWG;7 AWG;6 AWG;5 AWG;4 AWG
Conductor - Copper Str Size Range
14 AWG-4 AWG
Conductor Type
AL C Str-Size
CU C Str-Size
Certifications and Compliance
Certification - CSA Approved
No
Certification - ETL
No
Certification - UL Listed Direct Burial
No
Certification - UL Recognized
No
Certification - cULus
No
Standards - RoHS Compliance Status
CM
UL Listed
Yes
Logistics
Minimum Pack Quantity
1
For further technical assistance, please contact us
BURNDY Headquarters
47 East Industrial Park Drive
Manchester, New Hampshire 03109
Customer Service Hours:
8 AM - 8 PM Eastern Monday-Friday
Emergency Service 24-hours/365 Days
Phone: 1-800-346-4175
1-603-647-5299 (International)
1PLD44
by Burndy
Catalog ID: 1PLD44
Prop 65 Notice
Al Multi-Port Distribution Tap Connectors, UV Black Plastisol Covered, 4
Ports, Double Sided Entry, #14-4 AWG, 600 V.


Similar Part No. - 1PLD44

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
1PLD42 HUBBELL-1PLD42 Datasheet
265Kb / 2P
Al Multi-Port Distribution Tap Connectors, UV Black Plastisol Covered, 2 Ports, Double Sided Entry, #14-4 AWG, 600 V.
1PLD43 HUBBELL-1PLD43 Datasheet
268Kb / 2P
Al Multi-Port Distribution Tap Connectors, UV Black Plastisol Covered, 3 Ports, Double Sided Entry, #14-4 AWG, 600 V.
1PLD45 HUBBELL-1PLD45 Datasheet
264Kb / 2P
Black Covered Distribution Connerctors, 5 Ports, #14-4 AWG, 2.39 IN L.
1PLD46 HUBBELL-1PLD46 Datasheet
264Kb / 2P
Black Covered Distribution Connerctors, 6 Ports, #14-4 AWG, 2.83 IN L.
1PLD48 HUBBELL-1PLD48 Datasheet
264Kb / 2P
Black Covered Distribution Connerctors, 8 Ports, #14-4 AWG, 3.71 IN L.
More results

Similar Description - 1PLD44

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
1PL6003 HUBBELL-1PL6003 Datasheet
267Kb / 2P
UV Rated Plastisol Covered Al Distribution Connectors, 1-Sided Entry, 3 Ports, #4 AWG- 600 Kcmil, 600 V, 3/8" Hex
1PL6004 HUBBELL-1PL6004 Datasheet
262Kb / 2P
UV Rated Plastisol Covered Al Distribution Connectors, 1-Sided Entry, 4 Ports, #4 AWG- 600 Kcmil, 600 V, 3/8" Hex
1PL6005 HUBBELL-1PL6005 Datasheet
262Kb / 2P
UV Rated Plastisol Covered Al Distribution Connectors, 1-Sided Entry, 5 Ports, #4 AWG- 600 Kcmil, 600 V, 3/8" Hex
1PL6006 HUBBELL-1PL6006 Datasheet
262Kb / 2P
UV Rated Plastisol Covered Al Distribution Connectors, 1-Sided Entry, 6 Ports, #4 AWG- 600 Kcmil, 600 V, 3/8" Hex
1PLD42 HUBBELL-1PLD42 Datasheet
265Kb / 2P
Al Multi-Port Distribution Tap Connectors, UV Black Plastisol Covered, 2 Ports, Double Sided Entry, #14-4 AWG, 600 V.
1PLD43 HUBBELL-1PLD43 Datasheet
268Kb / 2P
Al Multi-Port Distribution Tap Connectors, UV Black Plastisol Covered, 3 Ports, Double Sided Entry, #14-4 AWG, 600 V.
1PLD2504 HUBBELL-1PLD2504 Datasheet
266Kb / 2P
Al Distribution Tap Connectors, UV Black Plastisol Covered, 4 Ports,
1PLD7502 HUBBELL-1PLD7502 Datasheet
264Kb / 2P
UV Black Plastisol Covered Al Distribution Connectors, Double Sided Entry, 2 Ports, #2 AWG- 750 Kcmil, 600 V, 3/8" Hex
1PLD7504 HUBBELL-1PLD7504 Datasheet
265Kb / 2P
UV Black Plastisol Covered Al Distribution Connectors, Double Sided Entry, 4 Ports, #2 AWG- 750 Kcmil, 600 V, 3/8" Hex
1PLO42 HUBBELL-1PLO42 Datasheet
262Kb / 2P
UV Black Plastisol Covered Al Distribution Connectors, Offset Entry, 2 Ports, #14 - #4 AWG, 600 V, 1/8" Hex.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com