Electronic Components Datasheet Search
  English  ▼

X  

1PLD206 Datasheet(PDF) 1 Page - Hubbell Incorporated.

Part # 1PLD206
Description  UV Black Covered Distribution Connector,Plastisol Covered, 6 Ports, #14- 2/0 AWG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

1PLD206 Datasheet(HTML) 1 Page - Hubbell Incorporated.

  1PLD206 Datasheet HTML 1Page - Hubbell Incorporated. 1PLD206 Datasheet HTML 2Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Details
General
Hex Key
3/16
Installation Torque Recommended in-lb
120 in-lb
Insulation
Y
Insulation Type
Plastisol
Material
Aluminum
Material - Hardware
Aluminum
Number Of Ports
6
Physical Attribute - Number of Screws
6
Physical Attribute - Screw Type
Allen
Plated
N
Plating Type
Unplated
Temperature Rating
194° F
Trade Name
UNITAP™
UPC
781810294864
UPC 12 Digit
7818102948644
Dimensions
Dimension - Height fraction
1.375 in
Dimension - Height inch
1.38 in
Dimension - L Length Overall mm
107 mm
Dimension - Length Overall inch
4.20 in
Dimension - Screw Size inch
7/16
Dimension - Width fraction
1-14/25 in
Dimension - Width inch
1.56 in
Dimension - Width mm
40 mm
Electrical Ratings
Rating - Minimum Voltage
600
Conductor Related
Conductor - AL Str Size
14 AWG;12 AWG;10 AWG;9 AWG;8 AWG;7 AWG;6 AWG;5 AWG;4 AWG;3
AWG;2 AWG;1 AWG;1/0 ;2/0 AWG
Conductor - AL Str Size Range
14 AWG-2/0 AWG
Conductor - Copper Str Size
14 AWG;12 AWG;10 AWG;9 AWG;8 AWG;7 AWG;6 AWG;5 AWG;4 AWG;3
AWG;2 AWG;1 AWG;1/0 ;2/0 AWG
Conductor - Copper Str Size Range
14 AWG-2/0 AWG
Conductor Type
AL C Str-Size
CU C Str-Size
Certifications and Compliance
Certification - CSA Approved
No
Certification - ETL
No
Certification - UL Listed Direct Burial
No
Certification - UL Recognized
No
Certification - cULus
No
Standards - RoHS Compliance Status
CM
UL Listed
Yes
Logistics
Minimum Pack Quantity
1
For further technical assistance, please contact us
BURNDY Headquarters
47 East Industrial Park Drive
Manchester, New Hampshire 03109
Customer Service Hours:
8 AM - 8 PM Eastern Monday-Friday
Emergency Service 24-hours/365 Days
Phone: 1-800-346-4175
1-603-647-5299 (International)
1PLD2/06
by Burndy
Catalog ID: 1PLD2/06
Prop 65 Notice
UV Black Covered Distribution Connector,Plastisol Covered, 6 Ports, #14-
2/0 AWG


Similar Part No. - 1PLD206

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
1PLD2010 HUBBELL-1PLD2010 Datasheet
264Kb / 2P
UV Black Covered Distribution Connector,Plastisol Covered, 10 Ports, #14- 2/0 AWG , 6.89 IN L, 1.56 IN W.
1PLD2012 HUBBELL-1PLD2012 Datasheet
264Kb / 2P
UV Black Covered Distribution Connector,Plastisol Covered, 12 Ports, #14- 2/0 AWG , 8.24 IN L, 1.56 IN W.
1PLD2014 HUBBELL-1PLD2014 Datasheet
264Kb / 2P
UV Black Covered Distribution Connector,Plastisol Covered, 14 Ports, #14- 2/0 AWG , 9.58 IN L, 1.56 IN W.
1PLD202 HUBBELL-1PLD202 Datasheet
265Kb / 2P
UV rated Black Unitap, 2, #14 - 2/0, 1.52 in L, 1.56 in W.
1PLD203 HUBBELL-1PLD203 Datasheet
268Kb / 2P
UV rated Black Unitap, 3, #14 - 2/0, 2.19 in L, 1.56 in.
More results

Similar Description - 1PLD206

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
1PL205 HUBBELL-1PL205 Datasheet
262Kb / 2P
UV Rated Plastisol Covered Al Distribution Connectors, 1-Sided Entry, 5 Ports, #14 - 2/0 AWG, 600 V, 3/16" Hex
1PL206 HUBBELL-1PL206 Datasheet
262Kb / 2P
UV Rated Plastisol Covered Al Distribution Connectors, 1-Sided Entry, 6 Ports, #14 - 2/0 AWG, 600 V, 3/16" Hex
1PLD205 HUBBELL-1PLD205 Datasheet
265Kb / 2P
UV Black Covered Distribution Connector,Plastisol Covered, 5 Ports, #14- 2/0 AWG , 3.53 IN L, 1.56 IN W
1PLD208 HUBBELL-1PLD208 Datasheet
265Kb / 2P
UV Black Covered Distribution Connector,Plastisol Covered, 8 Ports, #14- 2/0 AWG , 5.55 IN L, 1.56 IN W
1PLD2010 HUBBELL-1PLD2010 Datasheet
264Kb / 2P
UV Black Covered Distribution Connector,Plastisol Covered, 10 Ports, #14- 2/0 AWG , 6.89 IN L, 1.56 IN W.
1PLD2012 HUBBELL-1PLD2012 Datasheet
264Kb / 2P
UV Black Covered Distribution Connector,Plastisol Covered, 12 Ports, #14- 2/0 AWG , 8.24 IN L, 1.56 IN W.
1PLD2014 HUBBELL-1PLD2014 Datasheet
264Kb / 2P
UV Black Covered Distribution Connector,Plastisol Covered, 14 Ports, #14- 2/0 AWG , 9.58 IN L, 1.56 IN W.
1PLD2504 HUBBELL-1PLD2504 Datasheet
266Kb / 2P
Al Distribution Tap Connectors, UV Black Plastisol Covered, 4 Ports,
1PLO42 HUBBELL-1PLO42 Datasheet
262Kb / 2P
UV Black Plastisol Covered Al Distribution Connectors, Offset Entry, 2 Ports, #14 - #4 AWG, 600 V, 1/8" Hex.
1PLO3502 HUBBELL-1PLO3502 Datasheet
262Kb / 2P
UV Black Plastisol Covered Al Distribution Connectors; Offset Entry; 2 Ports, #10 AWG-350 kcmil.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com