Electronic Components Datasheet Search
  English  ▼

X  

SU9H-R01180 Datasheet(PDF) 1 Page - Kemet Corporation

Part # SU9H-R01180
Description  KEMET, SU-9V/9H, AC Line Filters, Common Mode, 0.018 H
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SU9H-R01180 Datasheet(HTML) 1 Page - Kemet Corporation

  SU9H-R01180 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: SU9H-R01180
(UALSU9HR011800)
KEMET, SU-9V/9H, AC Line Filters, Common Mode, 0.018 H
17 Maximum
8.0
8.0±0.5
7.0±0.5
0.6
15.5 Maximum
Dimensions
L
17mm MAX
T
15.5mm MAX
H
12.5mm MAX
LL
4mm MIN
S
8mm +/-0.5mm
Packaging Specifications
Packaging: Tray
Packaging Quantity: 1000
Weight: 3 g
General Information
Series: SU-9V/9H
Style: Through-Hole
RoHS: Yes
Miscellaneous: Temperature Rise Maximum: 40
K
Specifications
Voltage AC: 250 VAC
Inductance: 18000 uH
Current: 100 mA
Temperature Range: -25/+120°C
DC Resistance: 8 Ohms
© 2006 - 2019 KEMET
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 12/19/2019 - 04dc1ba4-981d-42f7-8590-b30c7ae6c808


Similar Part No. - SU9H-R01180

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SU9H-R01180 KEMET-SU9H-R01180 Datasheet
424Kb / 5P
SU Coils, SU 9V/9H Type
SU9H-R01180 KEMET-SU9H-R01180 Datasheet
464Kb / 7P
Common Mode SU Coils, 9V/9H Series
More results

Similar Description - SU9H-R01180

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SU9V-R2140 KEMET-SU9V-R2140 Datasheet
367Kb / 5P
SU Coils, SU 9V/9H Type
SU9H-01100 KEMET-SU9H-01100_V01 Datasheet
464Kb / 7P
Common Mode SU Coils, 9V/9H Series
SU9HD-25013 KEMET-SU9HD-25013 Datasheet
89Kb / 1P
KEMET, SU-9HD, AC Line Filters, Common Mode, 13.02 uH
SU16VD-30040 KEMET-SU16VD-30040 Datasheet
85Kb / 1P
KEMET, SU-16VD, AC Line Filters, Common Mode, 40 uH
SU16VD-30050 KEMET-SU16VD-30050 Datasheet
85Kb / 1P
KEMET, SU-16VD, AC Line Filters, Common Mode, 50 uH
SU9HD-25018 KEMET-SU9HD-25018 Datasheet
89Kb / 1P
KEMET, SU-9HD, AC Line Filters, Common Mode, 17.99 uH
SU10VD-10050 KEMET-SU10VD-10050 Datasheet
84Kb / 1P
KEMET, SU-10VD, AC Line Filters, Common Mode, 50 uH
SU16VD-40020 KEMET-SU16VD-40020 Datasheet
85Kb / 1P
KEMET, SU-16VD, AC Line Filters, Common Mode, 20 uH
SU7VC-08004 KEMET-SU7VC-08004 Datasheet
87Kb / 1P
KEMET, SU-7VC, AC Line Filters, Common Mode, 350 uH
SU7VC-10003 KEMET-SU7VC-10003 Datasheet
86Kb / 1P
KEMET, SU-7VC, AC Line Filters, Common Mode, 300 uH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com