Electronic Components Datasheet Search
  English  ▼

X  

LX7201 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # LX7201
Description  EMI Filter & ESD Protection for Down Stream USB Ports
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX7201 Datasheet(HTML) 5 Page - Microsemi Corporation

  LX7201 Datasheet HTML 1Page - Microsemi Corporation LX7201 Datasheet HTML 2Page - Microsemi Corporation LX7201 Datasheet HTML 3Page - Microsemi Corporation LX7201 Datasheet HTML 4Page - Microsemi Corporation LX7201 Datasheet HTML 5Page - Microsemi Corporation LX7201 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LX7201-xx
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 5
EMI Filter & ESD Protection for Down Stream
USB Ports
Copyright
© 2002
Rev. 1.0d, 2005-02-07
I N T E GRA T ED
PR ODUC T S
PACKAGE DI MENSI ONS
SF
6-Pin SOT-23 Package
H
G
F
E
A1
J
I
C
K
A
B
D
MILLIMETERS
INCHES
Dim
MIN
MAX
MIN
MAX
A
0.90
1.30
0.035
0.051
A1
0.90
1.45
0.035
0.057
B
0.25
0.50
0.010
0.020
C
0.09
0.20
0.004
0.008
D
2.80
3.10
0.110
0.122
E
1.50
1.75
0.059
0.069
F
0.95 BSC
0.038 BSC
G
1.90 BSC
0.075 BSC
H
2.60
3.00
0.102
0.118
I
0.35
0.55
0.014
0.022
J
0.00
0.15
0.000
0.006
K
10° MAX
10° MAX
Note:
1. Dimensions do not include mold flash or protrusions;
these shall not exceed 0.155mm(.006”) on any side.
Lead dimension shall not include solder coverage.
Recommended Footprint
C (ref)
X
Y
E (ref)
D (ref)
MILLIMETERS
INCHES
Dim
MIN
MAX
MIN
MAX
C
-
2.40
-
0.094
D
-
1.90
-
0.074
E
-
0.95
-
0.037
X
-
0.70
-
0.028
Y
-
1.00
-
0.039



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com