Electronic Components Datasheet Search
  English  ▼

X  

2900913 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2900913
Description  UM 45-D50SUB/B/FRONT/Q
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2900913 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2900913 Datasheet HTML 1Page - PHOENIX CONTACT 2900913 Datasheet HTML 2Page - PHOENIX CONTACT 2900913 Datasheet HTML 3Page - PHOENIX CONTACT 2900913 Datasheet HTML 4Page - PHOENIX CONTACT 2900913 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 5
http://www.phoenixcontact.de
Feb 25, 2011
Extract from the online
catalog
 
UM 45-D50SUB/B/FRONT/Q
Order No.: 2959641
The illustration shows the version UM 25-D 9SUB/B/FRONT/Q
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2959641
 
 
VARIOFACE SLIM LINE, with screw connection and D-subminiature
socket strip, for assembly at a right angle on NS 35/7.5, 50 positions
 
Commercial data
GTIN (EAN)
4
017918
086299
Note
Made-to-order
sales group
I011
Pack
1 pcs.
Customs tariff
85369010
Catalog page information
Page 287 (IF-2009)
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General data
Nominal voltage UN
125 V AC/DC
Max. current carrying capacity per branch
2.5 A
1 A (with even load on all branches)
Number of positions
50
Width
45 mm
Height
187 mm
Depth
45 mm


Similar Part No. - 2900913

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2900913 PHOENIX-2900913 Datasheet
171Kb / 5P
FLKM-D50 SUB/B/MKKDS
More results

Similar Description - 2900913

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2293653 PHOENIX-2293653 Datasheet
117Kb / 5P
UM 45-D50SUB/S/ZFKDS
2965949 PHOENIX-2965949 Datasheet
55Kb / 2P
UM 45-D50SUB/S (1-50)
2959531 PHOENIX-2959531 Datasheet
90Kb / 4P
UM 45-FLK34/FRONT/Q
2959544 PHOENIX-2959544 Datasheet
65Kb / 6P
Interface module - UM 45-FLK40/FRONT/Q
2959557 PHOENIX-2959557 Datasheet
100Kb / 5P
UM 45-FLK50/FRONT/Q
2959586 PHOENIX-2959586 Datasheet
113Kb / 5P
UM 25-D15SUB/B/FRONT/Q
2959609 PHOENIX-2959609 Datasheet
71Kb / 7P
Interface module - UM 25-D25SUB/B/FRONT/Q
2959625 PHOENIX-2959625 Datasheet
114Kb / 5P
UM 45-D37SUB/B/FRONT/Q
2959638 PHOENIX-2959638 Datasheet
71Kb / 7P
Interface module - UM 45-D37SUB/S/FRONT/Q
2962764 PHOENIX-2962764 Datasheet
78Kb / 8P
Interface module - UM 45-D50SUB/B
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com