Electronic Components Datasheet Search
  English  ▼

X  

AM6548 Datasheet(PDF) 98 Page - Texas Instruments

Part # AM6548
Description  Processors Silicon Revision 1.0
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6548 Datasheet(HTML) 98 Page - Texas Instruments

Back Button AM6548_V01 Datasheet HTML 94Page - Texas Instruments AM6548_V01 Datasheet HTML 95Page - Texas Instruments AM6548_V01 Datasheet HTML 96Page - Texas Instruments AM6548_V01 Datasheet HTML 97Page - Texas Instruments AM6548_V01 Datasheet HTML 98Page - Texas Instruments AM6548_V01 Datasheet HTML 99Page - Texas Instruments AM6548_V01 Datasheet HTML 100Page - Texas Instruments AM6548_V01 Datasheet HTML 101Page - Texas Instruments AM6548_V01 Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 277 page
background image
98
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Terminal Configuration and Functions
Copyright © 2017–2019, Texas Instruments Incorporated
(1) An external resistor divider is required to limit the voltage applied to the device pin. For more information, see Section 7.2.3, USB
Design Guidelines.
Table 4-63. USB1 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN
TYPE [3]
BALL [4]
USB1_DM
USB 2.0 Differential Data (negative)
IO
AD2
USB1_DP
USB 2.0 Differential Data (positive)
IO
AE1
USB1_DRVVBUS
USB VBUS control output (active high)
O
AC8
USB1_ID
USB 2.0 Dual-Role Device Role Select
A
AF5
USB1_VBUS(1)
USB Level-shifted VBUS Input
A
AF6
(1) An external resistor divider is required to limit the voltage applied to the device pin. For more information, see Section 7.2.3, USB
Design Guidelines.
4.3.25 Emulation and Debug
4.3.25.1 MAIN Domain
Table 4-64. Emulation and Debug 0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN
TYPE [3]
BALL [4]
EMU0
Emulation Control 0
IO
AA2
EMU1
Emulation Control 1
IO
AA1
TCK
JTAG Test Clock Input
I
AA4
TDI
JTAG Test Data Input
I
C20
TDO
JTAG Test Data Output
OZ
A20
TMS
JTAG Test Mode Select Input
I
A21
TRSTn
JTAG Reset
I
AA3
TRC_CLK
Trace Clock
O
AF18
TRC_CTL
Trace Control
O
AE18
TRC_DATA0
Trace Data 0
O
AH17
TRC_DATA1
Trace Data 1
O
AG18
TRC_DATA2
Trace Data 2
O
AG17
TRC_DATA3
Trace Data 3
O
AF17
TRC_DATA4
Trace Data 4
O
AE17
TRC_DATA5
Trace Data 5
O
AC19
TRC_DATA6
Trace Data 6
O
AH16
TRC_DATA7
Trace Data 7
O
AG16
TRC_DATA8
Trace Data 8
O
AF16
TRC_DATA9
Trace Data 9
O
AE16
TRC_DATA10
Trace Data 10
O
AD16
TRC_DATA11
Trace Data 11
O
AH15
TRC_DATA12
Trace Data 12
O
AC16
TRC_DATA13
Trace Data 13
O
AD17
TRC_DATA14
Trace Data 14
O
AH14
TRC_DATA15
Trace Data 15
O
AG14
TRC_DATA16
Trace Data 16
O
AG15
TRC_DATA17
Trace Data 17
O
AC17
TRC_DATA18
Trace Data 18
O
AE15
TRC_DATA19
Trace Data 19
O
AD15
TRC_DATA20
Trace Data 20
O
AF14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com