| Electronic Components Datasheet Search |
|
AM6527 Datasheet(PDF) 168 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM6527 Datasheet(HTML) 168 Page - Texas Instruments |
|
168 / 277 page ![]() EPWM_SOCA/B PWM5 EPERIPHERALS_TIMNG_04 EPWM_SYNCO PWM2 EPWM_A/B_out PWM1 PWM1 APWM CAP2 EPERIPHERALS_TIMNG_02 168 AM6548, AM6528, AM6546 AM6526, AM6527 SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019 www.ti.com Submit Documentation Feedback Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527 Specifications Copyright © 2017–2019, Texas Instruments Incorporated (1) P = sysclk Figure 5-38. eCAP Output Timings For more information, see section Enhanced Capture (ECAP) Module in the device TRM. 5.9.5.7 eHRPWM The supported features by the device eHRPWM are: • Dedicated 16-bit time-base counter with period and frequency control • Two independent PWM outputs which can be used in different configurations (with single-edge operation, with dual-edge symmetric operation or one independent PWM output with dual-edge asymmetric operation) • Asynchronous override control of PWM signals during fault conditions • Programmable phase-control support for lag or lead operation relative to other EPWM modules • Dead-band generation with independent rising and falling edge delay control • Programmable trip zone allocation of both latched and un-latched fault conditions • Events enabling to trigger both CPU interrupts and start of ADC conversions Table 5-46, Table 5-47 and present timing and switching characteristics for eHRPWM (see Figure 5-39, Figure 5-40, Figure 5-41, and Figure 5-42). Table 5-46. Timing Requirements for eHRPWM NO. PARAMETER DESCRIPTION MIN MAX UNIT PWM1 tw(PWM) Pulse duration, PWM output high/low -3 + 1P(1) ns PWM2 tw(SYNCOUT) Pulse duration, Sync output -3 + 1P(1) ns PWM3 td(TZ-PWM) Delay time, trip input active to PWM forced high/low 11 ns PWM4 td(TZ-PWMZ) Delay time, trip input active to PWM Hi-Z 11 ns PWM5 tw(SOC) Pulse duration, SOC output (asynchronous) -3 + 1P(1) ns (1) P = sysclk Figure 5-39. ePWM_A/B_out, ePWM_SYNCO, and ePWM_SOCA/B Input Timings |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |