Electronic Components Datasheet Search
  English  ▼

X  

AM6527 Datasheet(PDF) 170 Page - Texas Instruments

Part # AM6527
Description  Processors Silicon Revision 1.0
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6527 Datasheet(HTML) 170 Page - Texas Instruments

Back Button AM6527 Datasheet HTML 166Page - Texas Instruments AM6527 Datasheet HTML 167Page - Texas Instruments AM6527 Datasheet HTML 168Page - Texas Instruments AM6527 Datasheet HTML 169Page - Texas Instruments AM6527 Datasheet HTML 170Page - Texas Instruments AM6527 Datasheet HTML 171Page - Texas Instruments AM6527 Datasheet HTML 172Page - Texas Instruments AM6527 Datasheet HTML 173Page - Texas Instruments AM6527 Datasheet HTML 174Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 277 page
background image
QEP_S
QEP4
EPERIPHERALS_TIMNG_03
QEP_I
QEP2
QEP_A/B
QEP1
QEP3
QEP5
170
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Specifications
Copyright © 2017–2019, Texas Instruments Incorporated
Table 5-48. Timing Requirements for eQEP
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
QEP1
tw(QEP)
Pulse duration, QEP input
3 + 2P(1)
ns
QEP2
tw(QEPIH)
Pulse duration, QEP Index input high
3 + 2P(1)
ns
QEP3
tw(QEPIL)
Pulse duration, QEP Index input low
3 + 2P(1)
ns
QEP4
tw(QEPSH)
Pulse duration, QEP Strobe high
3 + 2P(1)
ns
QEP5
tw(QEPSL)
Pulse duration, QEP Strobe low
3 + 2P(1)
ns
(1) P = sysclk
Figure 5-43. eQEP Input Timings
Table 5-49. Switching Characteristics for eQEP
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
QEP6
td(QEP-CNTR)
Delay time, external clock to counter increment
24
ns
For more information, see section Enhanced Quadrature Encoder Pulse (EQEP) Module in the device
TRM.
5.9.5.9
GPIO
The device has three instances of GPIO144 modules. The GPIO pins are grouped into banks (16 pins per
bank), which means that each GPIO module provides up to 144 dedicated general-purpose pins with input
and output capabilities; thus, the general-purpose interface supports up to 432 (3 instances × (9 banks ×
16 pins)) pins. Since WKUP_GPIO0_[56:143], GPIO0_[96:143], and GPIO1_[90:143] are reserved in this
Device, general purpose interface supports up to 242 pins.
For more details about features and additional description information on the device General-Purpose
Interface, see the corresponding sections within Section 4.3, Signal Descriptions and Section 6, Detailed
Description.
NOTE
The general-purpose input/output i (i = 0 to 1) is also referred to as GPIOi.
Table 5-50 and Table 5-51 present timings and switching characteristics of the GPIO Interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com