Electronic Components Datasheet Search
  English  ▼

X  

412302M Datasheet(PDF) 1 Page - Adels-Contact

Part # 412302M
Description  157/ 2 MDS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

412302M Datasheet(HTML) 1 Page - Adels-Contact

  412302M Datasheet HTML 1Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
29/01/2020
Screw Connectors
157/ 2 MDS
Terminal Block, 2 pole, Insulating Material: Porcelain, Cross-
Section: 2.5 mm², Centre Stop (MDS): yes, Voltage Rating: 450 V, Current
Rating: 24 A
Order Info
Reference Number (ref. no.)
412302M
Applications
Lighting, Electrical Appliances, Transformers, Electronics
PU
400
EAN
4028012112470
Type
Type
Terminal Block
Number of poles
2 pole
Clamping Units per Pole
1
Colour
white
Cross-Section
2.5 mm²
Connection Type
Screw
Centre Stop (MDS)
yes
Technical Data
Voltage Rating
450 V
Current Rating
24 A
Insulating Material
Porcelain
Contact Material
Brass
Core Cross-Section min.
0.5 mm²
Core Cross-Section max.
2.5 mm²
max. Ambient Temperature Operation
350 °C
Type of Conductor Solid
yes
Type of Conductor Flexible
yes
Type of Conductor Stranded
yes
Stripping Length
7.0 mm
Assembly Contact Screw
0.8x4.0 / 0.5 Nm
Approbation EN60998
157_EN60998_20070807_VDE_40021771_web.pdf


Similar Part No. - 412302M

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
412302 ADELS-412302 Datasheet
134Kb / 1P
157/ 2 DS
More results

Similar Description - 412302M

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
1253G2M ADELS-1253G2M Datasheet
117Kb / 2P
1000/ 2 MDS GW
125302M ADELS-125302M Datasheet
117Kb / 2P
1000/ 2 MDS
125322M ADELS-125322M Datasheet
147Kb / 2P
1000/ 2 MDS HT
122302M ADELS-122302M Datasheet
117Kb / 2P
500/ 2 31 MDS
124502M ADELS-124502M Datasheet
117Kb / 2P
500 LRZ/ 2 MDS
125702M ADELS-125702M Datasheet
117Kb / 2P
1000 K/ 2 MDS
412202 ADELS-412202 Datasheet
134Kb / 1P
157/ 2
412302 ADELS-412302 Datasheet
134Kb / 1P
157/ 2 DS
412303M ADELS-412303M Datasheet
135Kb / 1P
157/ 3 MDS
413302 ADELS-413302 Datasheet
135Kb / 1P
157/ 3-2 DS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com