| Electronic Components Datasheet Search |
|
XAM6546ACDXEAF Datasheet(PDF) 88 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
XAM6546ACDXEAF Datasheet(HTML) 88 Page - Texas Instruments |
|
88 / 277 page ![]() 88 AM6548, AM6528, AM6546 AM6526, AM6527 SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019 www.ti.com Submit Documentation Feedback Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527 Terminal Configuration and Functions Copyright © 2017–2019, Texas Instruments Incorporated Table 4-52. PRU_ICSSG0 Signal Descriptions (continued) SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] PRG0_PWM2_B2 PRU_ICSSG PWM Output B IO AA25 PRG0_PWM3_A0 PRU_ICSSG PWM Output A IO V24 PRG0_PWM3_A1 PRU_ICSSG PWM Output A IO Y25 PRG0_PWM3_A2 PRU_ICSSG PWM Output A IO AA27 PRG0_PWM3_B0 PRU_ICSSG PWM Output B IO W25 PRG0_PWM3_B1 PRU_ICSSG PWM Output B IO U27 PRG0_PWM3_B2 PRU_ICSSG PWM Output B IO V28 PRG0_RGMII1_RXC PRU_ICSSG RGMII Receive Clock I Y25 PRG0_RGMII1_RX_CTL PRU_ICSSG RGMII Receive Control I Y24 PRG0_RGMII1_TXC PRU_ICSSG RGMII Transmit Clock IO AD28 PRG0_RGMII1_TX_CTL PRU_ICSSG RGMII Transmit Control O AB25 PRG0_RGMII2_RXC PRU_ICSSG RGMII Receive Clock I AB27 PRG0_RGMII2_RX_CTL PRU_ICSSG RGMII Receive Control I AA25 PRG0_RGMII2_TXC PRU_ICSSG RGMII Transmit Clock IO AC24 PRG0_RGMII2_TX_CTL PRU_ICSSG RGMII Transmit Control O AB24 PRG0_RGMII1_RD0 PRU_ICSSG RGMII Receive Data I V24 PRG0_RGMII1_RD1 PRU_ICSSG RGMII Receive Data I W25 PRG0_RGMII1_RD2 PRU_ICSSG RGMII Receive Data I W24 PRG0_RGMII1_RD3 PRU_ICSSG RGMII Receive Data I AA27 PRG0_RGMII1_TD0 PRU_ICSSG RGMII Transmit Data O AD27 PRG0_RGMII1_TD1 PRU_ICSSG RGMII Transmit Data O AC26 PRG0_RGMII1_TD2 PRU_ICSSG RGMII Transmit Data O AD26 PRG0_RGMII1_TD3 PRU_ICSSG RGMII Transmit Data O AA24 PRG0_RGMII2_RD0 PRU_ICSSG RGMII Receive Data I AB28 PRG0_RGMII2_RD1 PRU_ICSSG RGMII Receive Data I AC28 PRG0_RGMII2_RD2 PRU_ICSSG RGMII Receive Data I AC27 PRG0_RGMII2_RD3 PRU_ICSSG RGMII Receive Data I AB26 PRG0_RGMII2_TD0 PRU_ICSSG RGMII Transmit Data O AC25 PRG0_RGMII2_TD1 PRU_ICSSG RGMII Transmit Data O AD25 PRG0_RGMII2_TD2 PRU_ICSSG RGMII Transmit Data O AD24 PRG0_RGMII2_TD3 PRU_ICSSG RGMII Transmit Data O AE27 PRG0_UART0_CTSn PRU_ICSSG UART Clear to Send (active low) I V26 PRG0_UART0_RTSn PRU_ICSSG UART Request to Send (active low) O U25 PRG0_UART0_RXD PRU_ICSSG UART Receive Data I Y28 PRG0_UART0_TXD PRU_ICSSG UART Transmit Data O AA28 Table 4-53. PRU_ICSSG1 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] PRG1_ECAP0_IN_APWM_OUT PRU_ICSSG Enhanced Capture (ECAP) Input or Auxiliary PWM (APWM) Ouput IO AC21 PRG1_ECAP0_SYNC_IN PRU_ICSSG ECAP Sync Input I AD22 PRG1_ECAP0_SYNC_OUT PRU_ICSSG ECAP Sync Output O AE23 PRG1_IEP0_EDIO_OUTVALID PRU_ICSSG Industrial Ethernet Digital I/O Outvalid O AF13 PRG1_IEP0_EDC_LATCH_IN0 PRU_ICSSG Industrial Ethernet Distributed Clock Latch Input I AG25 PRG1_IEP0_EDC_LATCH_IN1 PRU_ICSSG Industrial Ethernet Distributed Clock Latch Input I AG27 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |