Electronic Components Datasheet Search
  English  ▼

X  

19255 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 19255
Description  ISO cylinder
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

19255 Datasheet(HTML) 1 Page - Festo Corporation.

  19255 Datasheet HTML 1Page - Festo Corporation. 19255 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISO cylinder
ESNU-8-25-P-A
Part number: 19255
Data sheet
Feature
Value
Maritime classification
See certificate
Stroke
25 mm
Piston diameter
8 mm
Piston rod thread
M4
Type code
ESNU
Cushioning
Elastic cushioning rings/pads at both ends
Mounting position
Any
Conforms to standard
CETOP RP 52 P
ISO 6432
Piston rod end
External thread
Design
Piston rod
Piston
Cylinder barrel
Position sensing
For proximity sensor
Symbol
00991729
Variants
Piston rod at one end
Operating pressure
1.5 bar ... 10 bar
Mode of operation
Pushing
Single-acting
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Ambient temperature
-20 °C ... 80 °C
Impact energy in the end positions
0.03 J
Theoretical force at 6 bar, advancing
24.6 N
Moving mass at 0 mm stroke
7.5 g
Additional weight per 10 mm stroke
2.4 g
Basic weight with 0 mm stroke
35 g
Additional moving mass per 10 mm stroke
1 g
Type of mounting
With accessories
Pneumatic connection
M5
Note on materials
RoHS-compliant
Cover material
Plain anodized
Wrought aluminum alloy
Seals material
NBR
TPE-U(PU)
Piston rod material
High-alloy stainless steel
4/2/20 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 19255

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
192551 FESTO-192551 Datasheet
65Kb / 1P
Compressed air filter
192552 FESTO-192552 Datasheet
65Kb / 1P
Compressed air filter
192553 FESTO-192553 Datasheet
66Kb / 1P
Compressed air filter
logo
PHOENIX CONTACT
1925537 PHOENIX-1925537 Datasheet
212Kb / 7P
FK-MC 0,5/ 5-ST-2,5 AU - PCB connector
logo
Festo Corporation.
192554 FESTO-192554 Datasheet
65Kb / 1P
Compressed air filter
More results

Similar Description - 19255

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DSNU-12-25-P-A FESTO-DSNU-12-25-P-A Datasheet
43Kb / 2P
ISO cylinder
DSNU-12-160-P-A FESTO-DSNU-12-160-P-A Datasheet
36Kb / 2P
ISO cylinder
DSNU-16-10-PPS-A FESTO-DSNU-16-10-PPS-A Datasheet
37Kb / 2P
ISO cylinder
DSNU-16-100-P-A FESTO-DSNU-16-100-P-A Datasheet
39Kb / 2P
ISO cylinder
DSNU-16-150-PPV-A FESTO-DSNU-16-150-PPV-A Datasheet
39Kb / 2P
ISO cylinder
DSNU-16-60-P-A FESTO-DSNU-16-60-P-A Datasheet
41Kb / 2P
ISO cylinder
DSNU-16-70-P-A FESTO-DSNU-16-70-P-A Datasheet
40Kb / 2P
ISO cylinder
DSNU-16-80-P-A FESTO-DSNU-16-80-P-A Datasheet
40Kb / 2P
ISO cylinder
DSNU-16-80-PPV-A FESTO-DSNU-16-80-PPV-A Datasheet
42Kb / 2P
ISO cylinder
DSNU-20-10-PPS-A FESTO-DSNU-20-10-PPS-A Datasheet
38Kb / 1P
ISO cylinder
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com