Electronic Components Datasheet Search
  English  ▼

X  

19260 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 19260
Description  ISO cylinder
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

19260 Datasheet(HTML) 1 Page - Festo Corporation.

  19260 Datasheet HTML 1Page - Festo Corporation. 19260 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISO cylinder
ESNU-12-10-P-A
Part number: 19260
Data sheet
Feature
Value
Maritime classification
See certificate
Stroke
10 mm
Piston diameter
12 mm
Piston rod thread
M6
Type code
ESNU
Cushioning
Elastic cushioning rings/pads at both ends
Mounting position
Any
Conforms to standard
CETOP RP 52 P
ISO 6432
Piston rod end
External thread
Design
Piston
Piston rod
Cylinder barrel
Position sensing
For proximity sensor
Symbol
00991729
Variants
Piston rod at one end
Operating pressure
1.5 bar ... 10 bar
Mode of operation
Pushing
Single-acting
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Ambient temperature
-20 °C ... 80 °C
Impact energy in the end positions
0.07 J
Theoretical force at 6 bar, advancing
61 N
Moving mass at 0 mm stroke
18.5 g
Additional weight per 10 mm stroke
4 g
Basic weight with 0 mm stroke
75 g
Additional moving mass per 10 mm stroke
2 g
Type of mounting
With accessories
Pneumatic connection
M5
Note on materials
RoHS-compliant
Cover material
Plain anodized
Wrought aluminum alloy
Seals material
NBR
TPE-U(PU)
Piston rod material
High-alloy stainless steel
4/2/20 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 19260

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
192600 FESTO-192600 Datasheet
67Kb / 1P
Filter regulator
logo
PHOENIX CONTACT
1926002 PHOENIX-1926002 Datasheet
300Kb / 10P
FKIC 2,5/16-ST-5,08-RN - PCB connector
logo
Festo Corporation.
192601 FESTO-192601 Datasheet
67Kb / 1P
Filter regulator
logo
PHOENIX CONTACT
1926015 PHOENIX-1926015 Datasheet
225Kb / 8P
PCB header - MSTBA 2,5/ 2-G-5,08-RN
logo
Festo Corporation.
192602 FESTO-192602 Datasheet
68Kb / 1P
Filter regulator
More results

Similar Description - 19260

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DSNU-12-25-P-A FESTO-DSNU-12-25-P-A Datasheet
43Kb / 2P
ISO cylinder
DSNU-12-160-P-A FESTO-DSNU-12-160-P-A Datasheet
36Kb / 2P
ISO cylinder
DSNU-16-10-PPS-A FESTO-DSNU-16-10-PPS-A Datasheet
37Kb / 2P
ISO cylinder
DSNU-16-100-P-A FESTO-DSNU-16-100-P-A Datasheet
39Kb / 2P
ISO cylinder
DSNU-16-150-PPV-A FESTO-DSNU-16-150-PPV-A Datasheet
39Kb / 2P
ISO cylinder
DSNU-16-60-P-A FESTO-DSNU-16-60-P-A Datasheet
41Kb / 2P
ISO cylinder
DSNU-16-70-P-A FESTO-DSNU-16-70-P-A Datasheet
40Kb / 2P
ISO cylinder
DSNU-16-80-P-A FESTO-DSNU-16-80-P-A Datasheet
40Kb / 2P
ISO cylinder
DSNU-16-80-PPV-A FESTO-DSNU-16-80-PPV-A Datasheet
42Kb / 2P
ISO cylinder
DSNU-20-10-PPS-A FESTO-DSNU-20-10-PPS-A Datasheet
38Kb / 1P
ISO cylinder
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com