Electronic Components Datasheet Search
  English  ▼

X  

18A Datasheet(PDF) 1 Page - Littelfuse

Part # 18A
Description  18A/18B Series Potted Gas Plasma Arresters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

18A Datasheet(HTML) 1 Page - Littelfuse

  18A Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
8
Gas Discharge Tubes
335
www .littelfuse .com
LITTELFUSE 3 TERMINAL POTTED ARRESTERS, 18A, 18B,
CONFORMS TO BT SPECIFICATION D2982B TOTALLY
NON-RADIOACTIVE, UL RECOGNIZED
(1) Measured using a rate of rise of voltage of 100V/s.
(2) Measured using a rate of rise of voltage of 1KV/µsec.
(3) Measured at 1 sec duration, 5 shots @ 3 min intervals, 50Hz.
(4) Measured using 8/20µsec, 5 shots each polarity.
(5) Measured at ±170V dc (18A) or ±350V dc (18B).
(6) Measured at 1 MHz, Line to ground.
(7) Measured using BT test circuit.
ORDERING
INFORMATION
PROTECTOR 18A
PROTECTOR 18B
All dimensions in mm
Features
• Conforms to BT specifications D2982B
• Hermetically sealed eclosure for use in underground
joints and pole tops.
• Flying leads for easy connection to IDC or screw
terminals.
• High surge capability
• Conforms to BT specification D2982B
• Flame retardent materials to UL 94V0
18A/18B Series Potted Gas Plasma Arresters
Modified Protector
3 ELECTRODE GDT
a=TIP
b=RING
e=GROUND
(centre electrode)
GRAPHICAL SYMBOL
a
b
e
Max
Alternating
Impulse
Electrical
DC
Impulse
Discharge
Discharge
Insulation
Max
Characteristics Sparkover1 Sparkover2
Current3
Current4
Resistance5 Capacitance6 Holdover7
(V)
(V)
(A)
(kA)
(
Ω)
(pF)
(V)
18A
210-310
800
5
5
1x108
30
100
18B
400-500
1000
5
5
1x108
30
100
®


Similar Part No. - 18A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
18A100M VISHAY-18A100M Datasheet
76Kb / 3P
Quartz Crystals
11-Jul-17
18A11B010E VISHAY-18A11B010E Datasheet
75Kb / 3P
Model 18 (PR2) 22.2 mm Diameter, 15 Turn Dial
01-Apr-2021
18A11B10 VISHAY-18A11B10 Datasheet
158Kb / 2P
Model 18 (PR2) 22.2 mm Diameter, 15 Turn Dial
09-Nov-06
18A11B10 VISHAY-18A11B10 Datasheet
75Kb / 3P
Model 18 (PR2) 22.2 mm Diameter, 15 Turn Dial
01-Apr-2021
18A12M288 VISHAY-18A12M288 Datasheet
76Kb / 3P
Quartz Crystals
11-Jul-17
More results

Similar Description - 18A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SL1011B LITTELFUSE-SL1011B Datasheet
160Kb / 2P
Gas Plasma Arrester
SL1003 LITTELFUSE-SL1003 Datasheet
220Kb / 3P
Greentube SL1003 Series Gas Plasma Arresters
SL1024A LITTELFUSE-SL1024A Datasheet
203Kb / 3P
Gas Plasma Arresters
SL1024A090 LITTELFUSE-SL1024A090 Datasheet
329Kb / 4P
Gas Plasma Arrester
SL1411A LITTELFUSE-SL1411A Datasheet
189Kb / 2P
Two-terminal Gas Plasma Arrester
P0080SAL LITTELFUSE-P0080SAL Datasheet
843Kb / 52P
gas plasma arresters-package dimensions/specifications
SL1002A LITTELFUSE-SL1002A Datasheet
206Kb / 2P
Greentube??SL1002A Series Gas Plasma Arrester
logo
NTE Electronics
NTE15040-ECG NTE-NTE15040-ECG Datasheet
21Kb / 1P
Surge Arresters (Gas Filled)
logo
Littelfuse
SL1011B250A LITTELFUSE-SL1011B250A Datasheet
100Kb / 2P
SL1011B Series Gas Plasma Arrester
logo
Kingtronics Internation...
SMD5076 KINGTRONICS-SMD5076 Datasheet
184Kb / 1P
Gas Tube Surge Arresters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com