Electronic Components Datasheet Search
  English  ▼

X  

150 Datasheet(PDF) 1 Page - Littelfuse

Part # 150
Description  MINIATURE FUSES - 5x15 mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

150 Datasheet(HTML) 1 Page - Littelfuse

  150 Datasheet HTML 1Page - Littelfuse 150 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
050912
WebSite
WebSite
WebSite
WebSite
WebSite
Europe
Europe
Europe
Europe
Europe Tel: +49 2302 662-107
Americas Tel: +1 404 699-7820
Asia
Asia
Asia
Asia
Asia Tel: +852 26 14-1108
China
China
China
China
China Tel: +86 21 6432 5146
www.wickmanngroup.com E-mail: sales@wickmann.com
E-mail: service@wickmannusa.com
E-mail: sales@wickmann.com.hk
E-mail: sales@wickmann.cn
3.00 A
1300
350 V
570
1.71
4.5
100 A / 350 V AC
1
17 max.
∅ 0,65
97 +2
∅ 5,9
•
M
M
M
M
MINIA
INIA
INIA
INIA
INIATURE
TURE
TURE
TURE
TURE
FFFFFUSES
USES
USES
USES
USES
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is ≤≤≤≤≤ 75
75
75
75
75 % at ambient temperature of 23
% at ambient temperature of 23
% at ambient temperature of 23
% at ambient temperature of 23
% at ambient temperature of 23 ºC (73.4
ºC (73.4
ºC (73.4
ºC (73.4
ºC (73.4 ºF).
ºF).
ºF).
ºF).
ºF).
Order
Order
Order
Order
Order
Qty.
Qty.
Qty.
Qty.
Qty.
Order-
Order-
Order-
Order-
Order-
Series
Series
Series
Series
Series
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Information
Information
Information
Information
Information
Number
Number
Number
Number
Number
150
UL 248-14, 350 V
UL 248-14, 350 V
UL 248-14, 350 V
UL 248-14, 350 V
UL 248-14, 350 V, F
, F
, F
, F
, F
Lighting Ballast Protection
Lighting Ballast Protection
Lighting Ballast Protection
Lighting Ballast Protection
Lighting Ballast Protection
Time-Current Characteristic
Time-Current Characteristic
Time-Current Characteristic
Time-Current Characteristic
Time-Current Characteristic
Quick Acting (F)
Standard
Standard
Standard
Standard
Standard
UL 248-14
CSA C22.2 No. 248.14
Approvals
Approvals
Approvals
Approvals
Approvals
cULus Recognized
Features
Features
Features
Features
Features
Special design for ballast controllers
High breaking capacity
Reduced PCB space requirements
Auto-insertable from tape
W
W
W
W
WebLinks
ebLinks
ebLinks
ebLinks
ebLinks
Further info see:
Further info see:
Further info see:
Further info see:
Further info see:
www.wickmanngroup.com
Further application info see fuseology:
Further application info see fuseology:
Further application info see fuseology:
Further application info see fuseology:
Further application info see fuseology:
www.wickmanngroup.com/download/
fuseology.pdf
Rated
Amp
Voltage
Breaking
Voltage Drop Power Dissipation Melting Integral
Approvals
Current
Code
Rating
Capacity
1.0 x I
N
1.0 x I
N
10 x I
N
max. (mV)
max. (W)
max. (A2s)
5x15 mm / No. 150
150
150
150
150
1 Alternate breaking capacities:
100 A / 250 V AC / 50-60 Hz / cos ϕ = 0.7-0.8
10 kA / 125 V AC / 50-60 Hz / cos ϕ = 0.7-0.8
Rated Current
1.0 x I
N
1.35 x I
N
2.0 x I
N
3.00 A
> 4 h
< 1 h
< 5 s
Specifications
Specifications
Specifications
Specifications
Specifications
Packaging
Packaging
Packaging
Packaging
Packaging
040: with mounted holders - Bulk (1000 pcs.)
043: with mounted holders - Tape/Reel (1250 pcs.)
Materials
Materials
Materials
Materials
Materials
Tube:
Glass
End Caps:
Nickel-plated brass
Plug-on Caps: Silver-plated brass
Operating T
Operating T
Operating T
Operating T
Operating Temperature
emperature
emperature
emperature
emperature
-25 ºC to +70 ºC (consider de-rating)
Climatic T
Climatic T
Climatic T
Climatic T
Climatic Test
est
est
est
est
Damp heat, steady state
40 ºC / 95 % / 21 days
(IEC 60068-1,-2-1,-2-2,-2-78)
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
+10 ºC to +60 ºC
relative humidity ≤ 75 % yearly average,
without dew, maximum value for 30 days-95 %
Vibration Resistance
Vibration Resistance
Vibration Resistance
Vibration Resistance
Vibration Resistance
24 cycles at 15 min. each (IEC 60068-2-6)
10 - 60 Hz at 0.75 mm amplitude
60 - 2000 Hz at 10 g acceleration
Solderability
Solderability
Solderability
Solderability
Solderability
235 ºC, 2 s (IEC 60068-2-20)
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
260 ºC, 10 s (IEC 60068-2-20)
Marking
Marking
Marking
Marking
Marking
, Current Rating, 350 V AC, 150
Unit Weight
Unit Weight
Unit Weight
Unit Weight
Unit Weight
1.5 g (approx.)
Specifications are subject
to change without notice
This product is not recommended
for new designs. Please refer to
Littelfuse No. 2200007.


Similar Part No. - 150

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
150 PRODUCTWELL-150 Datasheet
178Kb / 4P
SHIELDED SMT POWER INDUCTORS
logo
List of Unclassifed Man...
150 ETC2-150 Datasheet
355Kb / 1P
INTERCONNECT BATTERY HOLDERS
logo
SUNMATE electronic Co.,...
150 SUNMATE-150 Datasheet
110Kb / 2P
1.3 Watts Axial Leaded Zener Diodes
logo
TE Connectivity Ltd
150 TEC-150 Datasheet
563Kb / 3P
Limiting continuous current 130A at 85째C
logo
Cornell Dubilier Electr...
150 CDE-150 Datasheet
391Kb / 4P
Available on tape and reel or bulk
More results

Similar Description - 150

ManufacturerPart #DatasheetDescription
logo
Littelfuse
181 LITTELFUSE-181 Datasheet
88Kb / 2P
MINIATURE FUSES - 5x20 mm
191 LITTELFUSE-191 Datasheet
54Kb / 2P
MINIATURE FUSES - 5x20 mm
194 LITTELFUSE-194 Datasheet
88Kb / 2P
MINIATURE FUSES - 5x20 mm
230 LITTELFUSE-230 Datasheet
60Kb / 2P
MINIATURE FUSES - 5x20 mm
231 LITTELFUSE-231 Datasheet
70Kb / 2P
MINIATURE FUSES - 6.3x32 mm
311 LITTELFUSE-311 Datasheet
100Kb / 2P
MINIATURE FUSES - 5x20 mm
356 LITTELFUSE-356 Datasheet
71Kb / 2P
MINIATURE FUSES - 6.3x32 mm
230 LITTELFUSE-230_1 Datasheet
60Kb / 2P
5x20 mm MINIATURE FUSES
231 LITTELFUSE-231_1 Datasheet
70Kb / 2P
6.3x32 mm MINIATURE FUSES
3110800002 LITTELFUSE-3110800002 Datasheet
100Kb / 2P
MINIATURE FUSES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com