Electronic Components Datasheet Search
  English  ▼

X  

CMPZDC16V Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPZDC16V
Description  DUAL ZENER DIODE DUAL ZENER DIODE 350mW
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPZDC16V Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPZDC16V Datasheet HTML 1Page - Central Semiconductor Corp CMPZDC16V Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION:
The CENTRAL SEMICONDUCTOR
CMPZDC2V4 Series silicon dual zener diode is
a highly quality voltage regulator, connected in a
common cathode configuration, for use in
industrial, commercial, entertainment and
computer applications.
MARKING CODE: See Marking Codes on
Electrical Characteristics table.
CMPZDC2V4
THRU
CMPZDC47V
DUAL ZENER DIODE
2.4 VOLTS THRU 47 VOLTS
350mW
SOT-23 CASE
Central
Semiconductor Corp.
TM
R0 (04-November 2002)
TYPE NO.
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
ZENER IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MAXIMUM
ZENER
CURRENT
MAXIMUM
ZENER
VOLTAGE
TEMP.
COEFF.
MARKING
CODE
MIN
MAX
IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
IZM
Θ
ΘVZ
VOLTS VOLTS
mA
Ω
Ω
Ω
Ω
mA
µA
VOLTS
mA
% / °C
CMPZDC2V4*
2.2
2.6
5.0
100
600
1.0
50
1.0
63
-0.06
CCW3
CMPZDC2V7*
2.5
2.9
5.0
100
600
1.0
20
1.0
57
-0.06
CCW4
CMPZDC3V0*
2.8
3.2
5.0
95
600
1.0
10
1.0
54
-0.06
CCW5
CMPZDC3V3*
3.1
3.5
5.0
95
600
1.0
5.0
1.0
47
-0.06
CCW6
CMPZDC3V6*
3.4
3.8
5.0
95
600
1.0
2.0
1.0
45
-0.06
CCW7
CMPZDC3V9*
3.7
4.1
5.0
90
600
1.0
2.0
1.0
43
-0.06
CCW8
CMPZDC4V3*
4.0
4.6
5.0
90
600
1.0
1.0
1.0
40
-0.05
CCW9
CMPZDC4V7*
4.4
5.0
5.0
80
500
1.0
3.0
2.0
38
-0.03
CCZ1
CMPZDC5V1*
4.8
5.4
5.0
60
480
1.0
2.0
2.0
35
0.02
CCZ2
CMPZDC5V6*
5.2
6.0
5.0
40
400
1.0
1.0
2.0
32
0.03
CCZ3
CMPZDC6V2*
5.8
6.6
5.0
10
150
1.0
3.0
4.0
28
0.04
CCZ4
CMPZDC6V8*
6.5
7.2
5.0
15
80
1.0
2.0
4.0
25
0.05
CCZ5
CMPZDC7V5*
7.0
7.9
5.0
15
80
1.0
1.0
5.0
23
0.05
CCZ6
CMPZDC8V2*
7.7
8.7
5.0
15
80
1.0
0.7
5.0
21
0.06
CCZ7
CMPZDC9V1*
8.5
9.6
5.0
15
100
1.0
0.5
6.0
18
0.06
CCZ8
CMPZDC10V*
9.4
10.6
5.0
20
150
1.0
0.2
7.0
16
0.07
CCZ9
CMPZDC11V* 10.4
11.6
5.0
20
150
1.0
0.1
8.0
15
0.07
CCY1
CMPZDC12V*
11.4
12.7
5.0
25
150
1.0
0.1
8.0
13
0.07
CCY2
CMPZDC13V* 12.4
14.1
5.0
30
170
1.0
0.1
8.0
12
0.08
CCY3
CMPZDC15V* 13.8
15.6
5.0
30
200
1.0
0.05
10.5
11
0.08
CCY4
CMPZDC16V* 15.3
17.1
5.0
40
200
1.0
0.05
11.2
10
0.08
CCY5
CMPZDC18V* 16.8
19.1
5.0
45
225
1.0
0.05
12.6
9.2
0.08
CCY6
CMPZDC20V*
18.8
21.2
5.0
55
225
1.0
0.05
14.0
8.3
0.08
CCY7
CMPZDC22V* 20.8
23.3
5.0
55
250
1.0
0.05
15.4
7.6
0.09
CCY8
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Power Dissipation
PD
350
mW
Operating and Storage Temperature
TJ, Tstg
-65 TO +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C) VF=0.9V MAX @ IF=10mA FOR ALL TYPES.
* Available on special order only, consult factory


Similar Part No. - CMPZDC16V

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPZDC16V CENTRAL-CMPZDC16V Datasheet
402Kb / 2P
SURFACE MOUNT DUAL, COMMON CATHODE SILICON ZENER DIODES 2.4 VOLTS
CMPZDC16V CENTRAL-CMPZDC16V Datasheet
395Kb / 2P
SILICON ZENER DIODES
More results

Similar Description - CMPZDC16V

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5221B DIODES-MMBZ5221B Datasheet
66Kb / 3P
350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 7 - 2
BZX84C2V4 DIODES-BZX84C2V4_1 Datasheet
447Kb / 4P
350mW SURFACE MOUNT ZENER DIODE
DS18001 Rev. 25 - 2
BZX84C43 DIODES-BZX84C43_1 Datasheet
350Kb / 3P
350mW SURFACE MOUNT ZENER DIODE
DS30370 Rev. 5 - 2
logo
Won-Top Electronics
MMBZ5221B WTE-MMBZ5221B Datasheet
76Kb / 4P
350mW SURFACE MOUNT ZENER DIODE
logo
Shenzhen Ping Sheng Ele...
BZX84C2V4 PFS-BZX84C2V4 Datasheet
225Kb / 5P
350mW Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221B DIODES-MMBZ5221B_10 Datasheet
88Kb / 5P
350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 21 - 2
BZX84C2V4 DIODES-BZX84C2V4_12 Datasheet
103Kb / 5P
350mW SURFACE MOUNT ZENER DIODE
Rev 30
BZX84C12-7 DIODES-BZX84C12-7 Datasheet
197Kb / 5P
350mW SURFACE MOUNT ZENER DIODE
Rev 32
BZX84C18-7 DIODES-BZX84C18-7 Datasheet
197Kb / 5P
350mW SURFACE MOUNT ZENER DIODE
Rev 32
BZX84C2V4 DIODES-BZX84C2V4_15 Datasheet
197Kb / 5P
350mW SURFACE MOUNT ZENER DIODE
Rev 32
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com